Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 14Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 15Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 16Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 17Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 18Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 19Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 20Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 147 page
background image
18
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
10.
Event System
10.1
Features
System for direct peripheral-to-peripheral communication and signaling
Peripherals can directly send, receive, and react to peripheral events
CPU and EDMA controller independent operation
100% predictable signal timing
Short and guaranteed response time
Synchronous and asynchronous event routing
Eight event channels for up to eight different and parallel signal routing and configurations
Events can be sent and/or used by most peripherals, clock system, and software
Additional functions include
Quadrature decoder with rotary filtering
Digital filtering of I/O pin state with configurable filter
Simultaneous synchronous and asynchronous events provided to peripheral
Works in all sleep modes
10.2
Overview
The event system enables direct peripheral-to-peripheral communication and signaling. It allows a change in one
peripheral’s state to automatically trigger actions in other peripherals. It is designed to provide a predictable system for
short and predictable response times between peripherals. It allows for autonomous peripheral control and interaction
without the use of interrupts, CPU, or EDMA controller resources, and is thus a powerful tool for reducing the complexity,
size and execution time of application code. It allows for synchronized timing of actions in several peripheral modules.
The event system enables also asynchronous event routing for instant actions in peripherals.
A change in a peripheral’s state is referred to as an event, and usually corresponds to the peripheral’s interrupt
conditions. Events can be directly passed to other peripherals using a dedicated routing network called the event routing
network. How events are routed and used by the peripherals is configured in software.
Figure 10-1 shows a basic diagram of all connected peripherals. The event system can directly connect together analog
and digital converters, analog comparators, I/O port pins, the real-time counter, timer/counters, IR communication
module (IRCOM) and XMEGA Custom Logic (programmable logic) block (XCL). It can also be used to trigger EDMA
transactions (EDMA controller). Events can also be generated from software and peripheral clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com