Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 40Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 46Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 47Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 147 page
background image
44
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
23.
SPI – Serial Peripheral Interface
23.1
Features
One SPI peripheral
Full-duplex, three-wire synchronous data transfer
Master or slave operation
Lsb first or msb first data transfer
Eight programmable bit rates
Interrupt flag at the end of transmission
Write collision flag to indicate data collision
Wake up from idle sleep mode
Double speed master mode
23.2
Overview
The Serial Peripheral Interface (SPI) is a high-speed, full duplex, synchronous data transfer interface using three or four
pins. It allows fast communication between an AVR XMEGA device and peripheral devices or between several
microcontrollers.
A device connected to the bus must act as a master or slave. The master initiates and controls all data transactions. The
interconnection between master and slave devices with SPI is shown in Figure 23-1. The system consists of two shift
registers and a clock generator. The SPI master initiates the communication by pulling the slave select (SS) signal low
for the desired slave. Master and slave prepare the data to be sent in their respective shift registers, and the master
generates the required clock pulses on the SCK line to interchange data. Data are always shifted from master to slave on
the master output, slave input (MOSI) line, and from slave to master on the master input, slave output (MISO) line. After
each data packet, the master can synchronize the slave by pulling the SS line high.
Figure 23-1. SPI master-slave interconnection
By default, the SPI module is single buffered and transmit direction and double buffered in the receive direction. A byte
written to the transmit data register will be copied to the shift register when a full character has been received. When
receiving data, a received character must be read from the transmit data register before the third character has been
completely shifted in to avoid losing data. Optionally, buffer modes can be enabled. When used, one buffer is available
for transmitter and a double buffer for reception.
PORTC has one SPI. Notation of this is SPIC
8-bit Shift Register
msb
Transmit Data Register
(DATA)
Receive Buffer Register
Receive Data Register
(DATA)
MOSI
lsb
MISO
SCK
SS
SLAVE
8-bit Shift Register
msb
Transmit Data Register
(DATA)
Receive Buffer Register
Receive Data Register
(DATA)
MOSI
lsb
MISO
SCK
SS
MASTER
SPI CLOCK
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com