Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 9Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 10Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 11Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 12Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 13Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 14Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 147 page
background image
11
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
8.
Memories
8.1
Features
Flash program memory
One linear address space
In-system programmable
Self-programming and boot loader support
Application section for application code
Application table section for application code or data storage
Boot section for application code or bootloader code
Separate read/write protection lock bits for all sections
Built in fast CRC check of a selectable flash program memory section
Data memory
One linear address space
Single-cycle access from CPU
SRAM
EEPROM
Byte and page accessible
Memory mapped for direct load and store
I/O memory
Configuration and status registers for all peripherals and modules
4 bit-accessible general purpose registers for global variables or flags
Bus arbitration
Deterministic handling of priority between CPU, EDMA controller, and other bus masters
Separate buses for SRAM, EEPROM and I/O memory
Simultaneous bus access for CPU and EDMA controller
Production signature row memory for factory programmed data
ID for each microcontroller device type
Serial number for each device
Calibration bytes for factory calibrated peripherals
User signature row
One flash page in size
Can be read and written from software
Content is kept after chip erase
8.2
Overview
The Atmel AVR architecture has two main memory spaces, the program memory and the data memory. Executable code
can reside only in the program memory, while data can be stored in the program memory and the data memory. The data
memory includes the internal SRAM, and EEPROM for nonvolatile data storage. All memory spaces are linear and
require no memory bank switching. Nonvolatile memory (NVM) spaces can be locked for further write and read/write
operations. This prevents unrestricted access to the application software.
A separate memory section contains the fuse bytes. These are used for configuring important system functions, and can
only be written by an external programmer.
The available memory size configurations are shown in “Ordering Information” on page 2”. In addition, each device has a
Flash memory signature row for calibration data, device identification, serial number etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com