Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 68Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 69Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 70Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 71Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 72Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 73Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 74Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 75Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 147 page
background image
72
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
36.
Electrical Characteristics
All typical values are measured at T = 25°C unless other temperature condition is given. All minimum and maximum
values are valid across operating temperature and voltage unless other conditions are given.
36.1
Absolute Maximum Ratings
36.2
General Operating Ratings
The device must operate within the ratings listed in Table 36-1 in order for all other electrical characteristics and typical
characteristics of the device to be valid.
Table 36-1. General operating conditions.
Table 36-2. Operating voltage and frequency.
The maximum CPU clock frequency depends on VCC. As shown in Figure 36-1 the Frequency vs. VCC curve is linear
between 1.8V < VCC <2.7V.
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Power supply voltage
-0.3
4
V
IVCC
Current into a VCC pin
200
mA
IGND
Current out of a Gnd pin
200
mA
VPIN
Pin voltage with respect to Gnd and VCC
-0.5
VCC+0.5
V
IPIN
I/O pin sink/source current
-25
25
mA
TA
Storage temperature
-65
150
°C
Tj
Junction temperature
150
°C
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Power supply voltage
1.6
3.6
V
AVCC
Analog supply voltage
1.6
3.6
V
TA
Temperature range
-40
85
°C
Tj
Junction temperature
-40
105
°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ClkCPU
CPU clock frequency
VCC = 1.6V
0
12
MHz
VCC = 1.8V
0
12
VCC = 2.7V
0
32
VCC = 3.6V
0
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com