Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 87 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 83Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 84Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 85Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 86Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 87Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 88Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 89Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 90Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 147 page
background image
87
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
Note:
1.
The maximum frequency vs. supply voltage is linear between 1.6V and 2.7V, and the same applies for all other parameters with supply voltage conditions.
Table 36-26. External clock with prescaler (1)for system clock.
Notes:
1.
System Clock Prescalers must be set so that maximum CPU clock frequency for device is not exceeded.
2.
The maximum frequency vs. supply voltage is linear between 1.6V and 2.7V, and the same applies for all other parameters with supply voltage conditions.
36.13.7 External 16MHz Crystal Oscillator and XOSC Characteristics
Table 36-27. External 16MHz crystal oscillator and XOSC characteristics.
tCL
Clock Low Time
VCC = 1.6 - 1.8V
30.0
ns
VCC = 2.7 - 3.6V
12.5
tCR
Rise Time (for maximum frequency)
VCC = 1.6 - 1.8V
10
ns
VCC = 2.7 - 3.6V
3
tCF
Fall Time (for maximum frequency)
VCC = 1.6 - 1.8V
10
ns
VCC = 2.7 - 3.6V
3
Δt
CK
Change in period from one clock cycle to the next
10
%
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
1/tCK
Clock Frequency (2)
VCC = 1.6 - 1.8V
0
90
MHz
VCC = 2.7 - 3.6V
0
142
tCK
Clock Period
VCC = 1.6 - 1.8V
11
ns
VCC = 2.7 - 3.6V
7
tCH
Clock High Time
VCC = 1.6 - 1.8V
4.5
ns
VCC = 2.7 - 3.6V
2.4
tCL
Clock Low Time
VCC = 1.6 - 1.8V
4.5
ns
VCC = 2.7 - 3.6V
2.4
tCR
Rise Time (for maximum frequency)
VCC = 1.6 - 1.8V
1.5
ns
VCC = 2.7 - 3.6V
1.0
tCF
Fall Time (for maximum frequency)
VCC = 1.6 - 1.8V
1.5
ns
VCC = 2.7 - 3.6V
1.0
Δt
CK
Change in period from one clock cycle to the next
10
%
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Cycle to cycle jitter
XOSCPWR=0
FRQRANGE=0
<10
ns
FRQRANGE=1, 2, or 3
<1
XOSCPWR=1
<1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com