Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 46Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 47Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 48Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 49Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 50Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 51Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 147 page
background image
48
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
26.
XCL – XMEGA Custom Logic Module
26.1
Features
Two independent 8-bit timer/counter with:
Period and compare channel for each timer/counter
Input Capture for each timer
Serial peripheral data length control for each timer
Timeout support for each timer
Timer underflow interrupt/event
Compare match or input capture interrupt/event for each timer
One 16-bit timer/counter by cascading two 8-bit timer/counters with:
Period and compare channel
Input capture
Timeout support
Timer underflow interrupt/event
Compare match or input capture interrupt/event
Programmable lookup table supporting multiple configurations:
Two 2-input units
One 3-input unit
RS configuration
Duplicate input with selectable delay on one input or output
Connection to external I/O pins, event system or one selectable USART
Combinatorial Logic Functions using programmable truth table:
AND, NAND, OR, NOR, XOR, XNOR, NOT, MUX
Sequential Logic Functions:
D-Flip-Flop, D Latch, RS Latch
Input sources:
From external pins or the event system
One input source includes selectable delay or synchronizing option
Can be shared with selectable USART pin locations
Outputs:
Available on external pins or event system
Includes selectable delay or synchronizing option
Can override selectable USART pin locations
Operates in active mode and all sleep modes
26.2
Overview
The XMEGA Custom Logic module (XCL) consists of two sub-units, each including 8-bit timer/counter with flexible
settings, peripheral counter working with one software selectable USART module, delay elements, glue logic with
programmable truth table and a global logic interconnect array.
The timer/counter configuration allows for two 8-bits timer/counters. Each timer/counter supports normal, compare and
input capture operation, with common flexible clock selections and event channels for each timer. By cascading the two
8-bit timer/counters, the XCL can be used as a 16-bit timer/counter.
The peripheral counter (PEC) configuration, the XCL is connected to one software selectable USART. This USART
controls the counter operation, and the PEC can optionally control the data length within the USART frame.
The glue logic configuration, the XCL implements two programmable lookup tables (LUTs). Each defines the truth table
corresponding to the logical condition between two inputs. Any combinatorial function logic is possible. The LUT inputs
can be connected to I/O pins or event system channels. If the LUT is connected to the USART0 pin locations, the data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com