Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 56Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 57Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 58Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 59Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 60Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 61Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 62Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 63Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 147 page
background image
60
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
32.2
Alternate Pin Functions
The tables below show the primary/default function for each pin on a port in the first column, the pin number in the
second column, and then all alternate pin functions in the remaining columns. The head row shows what peripheral that
enable and use the alternate pin functions.
For better flexibility, some alternate functions also have selectable pin locations for their functions, this is noted under the
first table where this apply.
Table 32-1. PORT A – Alternate Functions.
Table 32-2. PORT C – Alternate Functions.
Table 32-3. Debug – Program and Debug Functions.
PORT A
Pin#
ADCA POS/
GAINPOS
ADCA NEG/
GAINNEG
DACA
ACA
POS
ACA
NEG
ACA
OUT
REFA
PA0
6
ADC 0
ADC 0
AC0
AC0
AREF
PA1
5
ADC 1
ADC 1
AC1
AC1
PA2
4
ADC 2
ADC 2
DAC0
AC2
PA3
3
ADC 3
ADC 3
DAC1
AC3
AC3
PA4
2
ADC 4
ADC 4
AC4
PA5
31
ADC 5
ADC 5
AC5
AC5
PA6
30
ADC 6
ADC 6
AC6
AC1OUT
PA7
29
ADC 7
ADC 7
AC7
AC0OUT
PORT C
Pin #
TCC4
WEXC
TCC5
USARTC0
SPIC
TWI
XCL
(LUT)
EXTCLK
AC OUT
PC0
16
OC4A
OC4ALS
SDA
IN1/OUT0
PC1
15
OC4B
OC4AHS
XCK0
SCL
IN2
PC2
14
OC4C
OC4BLS
RXD0
IN0
PC3
13
OC4D
OC4BHS
TXD0
IN3
PC4
12
OC4A
OC4CLS
OC5A
SS
IN1/OUT0
EXTCLK
PC5
11
OC4B
OC4CHS
OC5B
XCK0
SCK
IN2
PC6
10
OC4C
OC4DLS
RXD0
MISO
IN0
AC1OUT
PC7
9
OC4D
OC4DHS
TXD0
MOSI
IN3
AC0OUT
DEBUG
Pin #
PROG
RESET
8
PDI CLOCK
PDI
7
PDI DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com