Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 85Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 86Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 87Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 88Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 89Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 90Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 91Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 92Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 147 page
background image
89
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
Note:
1.
Numbers for negative impedance are not tested in production but guaranteed from design and characterization.
36.13.8 External 32.768kHz Crystal Oscillator and TOSC Characteristics
Table 36-28. External 32.768kHz crystal oscillator and TOSC characteristics.
Note:
1.
See Figure 36-4 for definition.
Figure 36-4. TOSC input capacitance.
The parasitic capacitance between the TOSC pins is CL1 + CL2 in series as seen from the crystal when oscillating without
external capacitors.
ESR
SF=Safety factor
min(R
Ω)SF
k
Ω
CXTAL1
Parasitic capacitance
XTAL1 pin
5.4
pF
CXTAL2
Parasitic capacitance
XTAL2 pin
7.1
CLOAD
Parasitic capacitance
load
3.07
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ESR/R1
Recommended crystal equivalent
series resistance (ESR)
Crystal load capacitance 6.5pF
60
k
Ω
Crystal load capacitance 9.0pF
35
CTOSC1
Parasitic capacitance TOSC1 pin
5.3
pF
CTOSC2
Parasitic capacitance TOSC2 pin
7.4
pF
Recommended safety factor
capacitance load matched to
crystal specification
3.0
CL1
CL2
2
C
S
O
T
1
C
S
O
T
Device internal
External
32.768kHz crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com