Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 38Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 39Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 40Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 147 page
background image
42
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
22.
TWI – Two Wire Interface
22.1
Features
One two-wire interface
Phillips I2C compatible
System Management Bus (SMBus) compatible
Bus master and slave operation supported
Slave operation
Single bus master operation
Bus master in multi-master bus environment
Multi-master arbitration
Bridge mode with independent and simultaneous master and slave operation
Flexible slave address match functions
7-bit and general call address recognition in hardware
10-bit addressing supported
Address mask register for dual address match or address range masking
Optional software address recognition for unlimited number of addresses
Slave can operate in all sleep modes, including power-down
Slave address match can wake device from all sleep modes
100kHz, 400kHz and 1MHz bus frequency support
Slew-rate limited output drivers
Input filter for bus noise and spike suppression
Support arbitration between start/repeated start and data bit (SMBus)
Slave arbitration allows support for address resolve protocol (ARP) (SMBus)
Supports SMBUS Layer 1 timeouts
Configurable timeout values
Independent timeout counters in master and slave (Bridge mode support)
22.2
Overview
The two-wire interface (TWI) is a bidirectional, two-wire communication interface. It is I2C and System Management Bus
(SMBus) compatible. The only external hardware needed to implement the bus is one pull-up resistor on each bus line.
A device connected to the bus must act as a master or a slave. One bus can have many slaves and one or several
masters that can take control of the bus.
The TWI module supports master and slave functionality. The master and slave functionality are separated from each
other, and can be enabled and operate simultaneously and separately. The master module supports multi-master bus
operation and arbitration. It contains the baud rate generator. Quick command and smart mode can be enabled to auto-
trigger operations and reduce software complexity. The master can support 100kHz, 400kHz and 1MHz bus frequency.
The slave module implements 7-bit address match and general address call recognition in hardware. 10-bit addressing is
also supported. A dedicated address mask register can act as a second address match register or as a register for
address range masking. The slave continues to operate in all sleep modes, including power-down mode. This enables
the slave to wake up the device from all sleep modes on TWI address match. It is possible to disable the address
matching to let this be handled in software instead. By using the bridge option, the slave can be mapped to different pin
locations. The master and slave can support 100kHz, 400kHz and 1MHz bus frequency.
The TWI module will detect START and STOP conditions, bus collisions, and bus errors. Arbitration lost, errors, collision,
and clock hold on the bus are also detected and indicated in separate status flags available in both master and slave
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com