Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 12Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 13Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 14Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 15Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 16Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 17Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 18Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 19Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 147 page
background image
16
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
9.
EDMA – Enhanced DMA Controller
9.1
Features
The EDMA Controller allows data transfers with minimal CPU intervention
from data memory to data memory
from data memory to peripheral
from peripheral to data memory
from peripheral to peripheral
Four peripheral EDMA channels with separate:
transfer triggers
interrupt vectors
addressing modes
data matching
Two peripheral channels can be combined to one standard channel with separate:
transfer triggers
interrupt vectors
addressing modes
data search
Programmable channel priority
From 1byte to 128KB of data in a single transaction
Up to 64K block transfer with repeat
1 or 2 bytes burst transfers
Multiple addressing modes
Static
Increment
Optional reload of source and destination address at the end of each
Burst
Block
Transaction
Optional Interrupt on end of transaction
Optional connection to CRC Generator module for CRC on EDMA data
9.2
Overview
The four-channel enhanced direct memory access (EDMA) controller can transfer data between memories and
peripherals, and thus offload these tasks from the CPU. It enables high data transfer rates with minimum CPU
intervention, and frees up CPU time. The four EDMA channels enable up to four independent and parallel transfers.
The EDMA controller can move data between SRAM and peripherals, between SRAM locations and directly between
peripheral registers. With access to all peripherals, the EDMA controller can handle automatic transfer of data to/from
communication modules. The EDMA controller can also read from EEPROM memory.
Data transfers are done in continuous bursts of 1 or 2 bytes. They build block transfers of configurable size from 1 byte to
64KB. Repeat option can be used to repeat once each block transfer for single transactions up to 128KB. Source and
destination addressing can be static or incremental. Automatic reload of source and/or destination addresses can be
done after each burst or block transfer, or when a transaction is complete. Application software, peripherals, and events
can trigger EDMA transfers.
The four EDMA channels have individual configuration and control settings. This includes source, destination, transfer
triggers, and transaction sizes. They have individual interrupt settings. Interrupt requests can be generated when a
transaction is complete or when the EDMA controller detects an error on an EDMA channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com