Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 72Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 73Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 74Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 75Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 76Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 77Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 78Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 79Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 147 page
background image
76
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
36.4
Wake-up Time from Sleep Modes
Table 36-5.
Device wake-up time from sleep modes with various system clock sources.
Note:
1.
The wake-up time is the time from the wake-up request is given until the peripheral clock is available on pin, see Figure 36-2. All peripherals and
modules start execution from the first clock cycle, expect the CPU that is halted for four clock cycles before program execution starts.
Figure 36-2.
Wake-up time definition.
Symbol
Parameter
Condition
Min.
Typ.(1)
Max.
Units
twakeup
Wake-up time from
idle, standby, and
extended standby
mode
External 2MHz clock
0.2
µs
32kHz internal oscillator
120
8MHz internal oscillator
0.5
32MHz internal oscillator
0.2
Wake-up time from
power save mode
External 2MHz clock
4.5
32kHz internal oscillator
320
8MHz internal oscillator
Normal mode
4.5
Low power mode
0.5
32MHz internal oscillator
5.0
Wake-up time from
power down mode
External 2MHz clock
4.5
32kHz internal oscillator
320
8MHz internal oscillator
4.5
32MHz internal oscillator
5.0
Wakeup request
Clock output
Wakeup time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com