Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 32Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 33Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 34Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 35Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 36Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 37Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 38Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 39Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 147 page
background image
36
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
18.
WeX – Waveform Extension
18.1
Features
Module for more customized and advanced waveform generation
Optimized for various type of motor, ballast, and power stage control
Output matrix for timer/counter waveform output distribution
Configurable distribution of compare channel output across port pins
Redistribution of dead-time insertion resource between TC4 and TC5.
Four dead-time insertion (DTI) units, each with
Complementary high and low side with non overlapping outputs
Separate dead-time setting for high and low side
8-bit resolution
Four swap (SWAP) units
Separate port pair or low high side drivers swap
Double buffered swap feature
Pattern generation creating synchronized bit pattern across the port pins
Double buffered pattern generation
18.2
Overview
The waveform extension (WEX) provides extra functions to the timer/counter in waveform generation (WG) modes. It is
primarily intended for motor control, ballast, LED, H-bridge, power converters, and other types of power control
applications. The WEX consist of five independent and successive units, as shown in Figure 18-1.
Figure 18-1. Waveform extension and closely related peripherals.
The output matrix (OTMX) can distribute and route out the waveform outputs from timer/counter 4 and 5 across the port
pins in different configurations, each optimized for different application types. The dead time insertion (DTI) unit splits the
four lower OTMX outputs into a two non-overlapping signals, the non-inverted low side (LS) and inverted high side (HS)
of the waveform output with optional dead-time insertion between LS and HS switching.
SWAP1
DTI1
SWAP1
DTI1
SWAP1
DTI1
SWAP1
DTI1
WEX
Px7
Px6
Px5
Px4
Px3
Px2
Px1
Px0
Fault
Unit 5
Fault
Unit 4
T/C4
T/C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com