Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2783 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 2Page - STMicroelectronics AN2783 Datasheet HTML 3Page - STMicroelectronics AN2783 Datasheet HTML 4Page - STMicroelectronics AN2783 Datasheet HTML 5Page - STMicroelectronics AN2783 Datasheet HTML 6Page - STMicroelectronics AN2783 Datasheet HTML 7Page - STMicroelectronics AN2783 Datasheet HTML 8Page - STMicroelectronics AN2783 Datasheet HTML 9Page - STMicroelectronics AN2783 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Main features
AN2783
6/47
1
Main features
The PM8800 demonstration kit has been designed to cover several PoE configurations with
easy customization.
●
Basic configuration: (high-power applications)
–
5 V output
–
Up to 4 A output
–
250 kHz operating switching frequency
–
Flyback topology DCM/CCM
●
Board size 70 x 90 mm
●
Power Good indication
●
Overall efficiency of 85% at full-load condition (Figure 12)
●
Prevalence of the auxiliary source with respect to the PoE line (Section 8.7)
●
1500 Vrms isolation ensured by the power transformer
●
Support for (see BOM options in Section 5):
–
5 V and 3.3V output
–
diode or synchronous rectification
–
standard IEEE802.3af or high-power applications
–
non-isolated flyback topology
●
Support for class 0-3 (IEEE802.3af) and class 4 (pre-standard modes)
The following 2 basic board configurations are addressed with the same PCB and referred
in the rest of the text as:
–
Standard power: this configuration covers IEEE802.3af applications and it is
based on flyback topology with diode rectification.
–
High power: this configuration targets applications with output power in excess of
the IEEE802.3af standard up to 20 W as output. This configuration is based on
flyback topology with synchronous rectification. The same configuration can be
used in PoE designs targeting high efficiency and/or with wide range auxiliary
input (down to 12 V with prevalence of the auxiliary with respect to PoE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com