Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2783 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 14Page - STMicroelectronics AN2783 Datasheet HTML 15Page - STMicroelectronics AN2783 Datasheet HTML 16Page - STMicroelectronics AN2783 Datasheet HTML 17Page - STMicroelectronics AN2783 Datasheet HTML 18Page - STMicroelectronics AN2783 Datasheet HTML 19Page - STMicroelectronics AN2783 Datasheet HTML 20Page - STMicroelectronics AN2783 Datasheet HTML 21Page - STMicroelectronics AN2783 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
PoE section
AN2783
18/47
With the SMAJ58A the standoff is 58 V and the clamping voltage for a standard 10/1000 µs
transient is 93 V. PM8800 is able to withstand transient voltage up to 100 V without any
damage.
8
PoE section
8.1
Signature
Signature is the first phase in the PoE standard and allows a PSE (power source equipment)
to recognize the presence of a PD (powered device) that can accept power on the Ethernet
cable.
The PM8800 integrates a 24.5 k
Ω resistance to simplify a standard PoE PD interface
design. Its value has been chosen to take into account the voltage drop across the diode
bridge and its effect on the effective resistor value presented at the RJ45 connector input.
This resistor is disconnected for input voltages higher than 11.5 V.
The required signature capacitance is obtained with C1= 100 nF, 100 V.
8.2
Classification
Classification is the second phase in the PoE standard and allows the PSE to allocate the
right amount of power for the PD connected on a single port.
The IEEE802.3af standard defines 4 power classes.
PM8800 has a dedicated pin for the classification resistor. The reference board has R35 left
open, corresponding to CLASS 0.
To select a different class please refer to the table below:
Table 3.
RCLASS resistor value
To provide a constant current during the classification phase, PM8800 has an internal
voltage regulator that maintains 1.4 V typ. across the classification resistor.
The value of R35 is calculated taking into account the power consumption of PM8800 during
the classification phase, which is about 1.5 mA.
802.3af
classification current (mA)
CLASS
PD power(W)
RCLASS(Ω)min.
max
0
0.44 -12.95
Open
0
4
1
0.44 - 3.84
158
9
12
2
3.84 - 6.49
82.5
17
20
3
6.49 - 12.95
52.3
26
30
4
Reserved
36.5
36
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com