Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2783 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 8Page - STMicroelectronics AN2783 Datasheet HTML 9Page - STMicroelectronics AN2783 Datasheet HTML 10Page - STMicroelectronics AN2783 Datasheet HTML 11Page - STMicroelectronics AN2783 Datasheet HTML 12Page - STMicroelectronics AN2783 Datasheet HTML 13Page - STMicroelectronics AN2783 Datasheet HTML 14Page - STMicroelectronics AN2783 Datasheet HTML 15Page - STMicroelectronics AN2783 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Bill of material
AN2783
12/47
5
Bill of material
Table 2.
Components for the 4 isolated configurations possible with the PM8800
Reference
Description
Pkg
Manufacturer
Qty
Qty
Qty
Qty
Printed circuit board
1
1
1
1
PM8800 eval kit(1)
Capacitors
1
1
1
1
C1
Ceramic cap 0.1 µF 100 V
805
TDK
NM
NM
NM
NM
C36
Ceramic cap 0.1 µF 100 V
805
NM
NM
NM
NM
NM
C2, C7
Ceramic cap 200 V
805
NM
NM
NM
NM
NM
C8
Ceramic cap 2 kV
1812
NM
NM
NM
NM
NM
C9
Ceramic cap
805
NM
NM
NM
NM
NM
C10, C12
Ceramic cap
805
NM
1
1
1
1
C11
Ceramic cap 470 pF 50 V
805
Std
1
1
1
1
C13
Electrolytic cap 22 µF 100 V KX
8 x 10.2
SANYO
2
2
2
2
C14, C15
Ceramic cap 2.2 µF 100 V
1812
TDK
NM
1
NM
1
C17
Ceramic cap 2.2 µF 100 V
1812
TDK
NM
NM
NM
NM
C16
Ceramic cap
805
NM
2
2
NM
NM
C18, C19
Ceramic cap 10 µF 6.3 V
1206
TDK
3
3
NM
NM
C20, C21,
C23
Ceramic cap 10 µF 6.3 V
1206
TDK
NM
NM
2
2
C18, C19
Ceramic cap 10 µF 16 V
1206
TDK
NM
NM
3
3
C20, C21,
C23
Ceramic cap 10 µF 16 V
1206
TDK
NM
NM
NM
NM
C22, C38
Ceramic cap
1206
NM
1
1
1
1
C24
Electrolytic cap 330 µF 6.3 V EX
8 x 10.5
SANYO
2
2
2
2
C25, C30
Ceramic cap 1 µF 16 V
603
TDK
55
55
C26, C27,
C28, C34,
C39
Ceramic cap 0.1 µF 50 V
603
Std
1
1
1
1
C29
Ceramic cap 2.2 nF 2 kV
1812
TDK
NM
NM
NM
NM
C31
Ceramic cap
603
Std
1
1
1
1
C32
Ceramic cap 0.1 µF 50 V
603
Std



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com