Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2783 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2783 Datasheet HTML 1Page - STMicroelectronics AN2783 Datasheet HTML 2Page - STMicroelectronics AN2783 Datasheet HTML 3Page - STMicroelectronics AN2783 Datasheet HTML 4Page - STMicroelectronics AN2783 Datasheet HTML 5Page - STMicroelectronics AN2783 Datasheet HTML 6Page - STMicroelectronics AN2783 Datasheet HTML 7Page - STMicroelectronics AN2783 Datasheet HTML 8Page - STMicroelectronics AN2783 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
September 2008
Rev 2
1/47
AN2783
Application note
PM8800 demonstration kit for standard and high power PoE
PD interface and power supply, with auxiliary sources
Introduction
This document details the characteristics and performances of the PM8800 demonstration
kit which has been designed to cover a broad range of power over Ethernet (PoE)
applications. PM8800 is a highly integrated device embedding an IEEE802.3af compliant
powered device (PD) interface together with a PWM controller and support for auxiliary
sources.
Even though PM8800 can be configured to work in both isolated and non-isolated
topologies, this application note focuses on an isolated topology only, in two different output
power configurations (10 W and 20 W) and 2 different output voltages (5 V and 3.3 V).
The PM8800 demonstration kit supports diode as well as synchronous rectification.
Auxiliary sources can be connected to the board on 2 input points. One input allows
prevalence of the auxiliary sources with respect to the PoE, while the other input allows the
usage of a wall adaptor with voltage lower than the internal PoE UVLO threshold and still
benefits from the inherent inrush and DC current limit.
The above mentioned configurations are all supported by the PM8800 demonstration kit as
options on the same PCB. The bill of material (BOM) (see Section 5 on page 12) provides
the list of components to be mounted for each of the targeted configurations.
Figure 1.
PM8800 demonstration kit
The high-power board appears on the left of the photo and standard board is on the right.
www.st.com


Similar Part No. - AN2783

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN278 ETC2-AN278 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2782 STMICROELECTRONICS-AN2782 Datasheet
1Mb / 39P
Solution for designing a 400 W fixed-off-time controlled
05-Mar-2010
AN2784 STMICROELECTRONICS-AN2784 Datasheet
290Kb / 31P
Using the high-density STM32F10xxx FSMC peripheral to drive external memories
07-Jun-2010
AN2785 STMICROELECTRONICS-AN2785 Datasheet
1Mb / 51P
L6393 half bridge gate driver
01-Dec-2009
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
The STEVAL-IHI001V1 is a demonstration board designed to simulate
16-Jun-2008
More results

Similar Description - AN2783

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
DE70321 CMLMICRO-DE70321 Datasheet
220Kb / 4P
Development and Demonstration Kit
logo
STMicroelectronics
EVALPM8803-FLY STMICROELECTRONICS-EVALPM8803-FLY Datasheet
263Kb / 5P
EVALPM8803-FLY: IEEE802.3at compliant demonstration kit with synchronous flyback PoE converter
11-Apr-2011
logo
Texas Instruments
SBAU202 TI1-SBAU202 Datasheet
2Mb / 47P
Performance Demonstration Kit for the ADS130E08
logo
List of Unclassifed Man...
PS25003 ETC2-PS25003 Datasheet
6Mb / 23P
Demonstration Kit Standard Components
logo
STMicroelectronics
UM1008 STMICROELECTRONICS-UM1008 Datasheet
2Mb / 32P
Demonstration kit for the ST7570 power line modem
04-Nov-2011
UM1518 STMICROELECTRONICS-UM1518 Datasheet
1Mb / 37P
ST7580 power line modem demonstration kit
05-Dec-2012
UM0855 STMICROELECTRONICS-UM0855 Datasheet
1Mb / 35P
Demonstration kit for single
11-Nov-2009
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
STCF04 demonstration kit
28-Aug-2012
DK3400 STMICROELECTRONICS-DK3400 Datasheet
133Kb / 4P
DK3400 demonstration kit
03-Nov-2010
logo
Linear Technology
LTC4123EDC LINER-LTC4123EDC Datasheet
846Kb / 10P
Low Power Wireless Charger Demonstration Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com