Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2783 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 20Page - STMicroelectronics AN2783 Datasheet HTML 21Page - STMicroelectronics AN2783 Datasheet HTML 22Page - STMicroelectronics AN2783 Datasheet HTML 23Page - STMicroelectronics AN2783 Datasheet HTML 24Page - STMicroelectronics AN2783 Datasheet HTML 25Page - STMicroelectronics AN2783 Datasheet HTML 26Page - STMicroelectronics AN2783 Datasheet HTML 27Page - STMicroelectronics AN2783 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Power converter
AN2783
24/47
The maximum duty cycle can be obtained as:
Equation 7
10.2
Main switch current and current sensing
The current shape in the primary power switch is different when the flyback converter is
working in DCM or CCM. In DCM the shape is triangular with the current starting from zero,
while in CCM the shape is trapezoidal.
For CCM operations the peak current can be computed as:
Equation 8
which can be expressed as:
Equation 9
The RMS current can be:
Equation 10
The above formula can be used to calculate the right current sense resistor, taking into
account that the first level of OCP is for PM8800 at 500 mV:
Equation 11
The associated power dissipation on the sense resistor is:
Equation 12
10.3
Main switch power dissipation
The power dissipation on the main power MOSFET is the sum of two terms:
Ton
max
Tsw
--------------------
N
Vout
Vd
+
()
⋅
Vin
min Vds
–
() N Vout Vd
+
()
⋅
+
------------------------------------------------------------------------------------
=
Ipeak
Ipave
∆I
L
2
--------
+
Iout
η N1 D
max
–
()
⋅⋅
---------------------------------------------
Vin
max
D
max
Tsw
⋅⋅
2Lp
-----------------------------------------------------
+
==
Ipeak
Pout
η D
max
Vin
Vds
–
()
⋅⋅
----------------------------------------------------------
Vin
max
D
max
Tsw
⋅⋅
2Lp
-----------------------------------------------------
+
=
Iprms
D
max
Ipeak
2
Ipeak
∆I
L
2
--------
∆I
L
2
3
-----------
+
⋅
⎝⎠
⎜⎟
⎛⎞
–
⋅
=
Rcs
500mV
1.3 Ipeak
⋅
----------------------------
=
Pcs
Rcs Iprms
2
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com