Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2783 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 38Page - STMicroelectronics AN2783 Datasheet HTML 39Page - STMicroelectronics AN2783 Datasheet HTML 40Page - STMicroelectronics AN2783 Datasheet HTML 41Page - STMicroelectronics AN2783 Datasheet HTML 42Page - STMicroelectronics AN2783 Datasheet HTML 43Page - STMicroelectronics AN2783 Datasheet HTML 44Page - STMicroelectronics AN2783 Datasheet HTML 45Page - STMicroelectronics AN2783 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Test results
AN2783
42/47
12.4
IEEE 802.3af compatibility test
Additional tests of compatibility to the IEEE802.3af standard have been done with the
PDA100 PD tester from Sifos Technologies. Results obtained with the 5 V, 2 A standard
board are summarized inTable 5, 6, and 7. All tests have been successfully completed.
Table 5.
Compatibility test at -45 degC
Alt-A MDI
Alt-A MDI-X
Alt-B MDI
Alt-B MDI-X
Det. resistance
25.18 k
Ω
25.16 k
Ω
25.25 k
Ω
25.25 k
Ω
Det. capacitance
0.109 µF
0.092 µF
0.109 µF
0.103 µF
Class. current
1.4 mA
1.4 mA
1.4 mA
1.4 mA
Class result
0
0
0
0
Average power
12.52 W
12.52 W
12.38 W
12.38 W
Max current
266.2 mA
261.6 mA
258.8 mA
258.6 mA
Min current
260.3 mA
260.3 mA
257.4 mA
257.3 mA
Av. current
261.0 mA
260.9 mA
258.0 mA
258.0 mA
Turn-on voltage
40.0 V
40.0 V
40.0 V
40.0 V
Turn-off voltage
33.9 V
33.9 V
33.1 V
33.1 V
Table 6.
Compatibility test at room temperature
Alt-A MDI
Alt-A MDI-X
Alt-B MDI
Alt-B MDI-X
Det. resistance
24.90 k
Ω
24.99 k
Ω
24.95 k
Ω
25.09 k
Ω
Det. capacitance
0.103 µF
0.104 µF
0.104 µF
0.109 µF
Class. current
1.4 mA
1.3 mA
1.3 mA
1.3 mA
Class result
0
0
0
0
Average power
12.53 W
12.53 W
12.34 W
12.34 W
Max current
266.2 mA
262.0 mA
257.7 mA
257.6 mA
Min current
260.7 mA
260.5 mA
256.8 mA
256.8 mA
Average current
261.1 mA
261.2 mA
257.2 mA
257.1 mA
Turn-on voltage
40.0 V
40.0 V
40.0 V
40.0 V
Turn-off voltage
34.2 V
34.1 V
33.1 V
33.0 V
Table 7.
Compatibility test at +85 degC
Alt-A MDI
Alt-A MDI-X
Alt-B MDI
Alt-B MDI-X
Det. resistance
25.47 k
Ω
25.49 k
Ω
25.54 k
Ω
25.57 k
Ω
Det. capacitance
0.114 µF
0.112 µF
0.109 µF
0.103 µF
Class. current
1.3 mA
1.3 mA
1.3 mA
1.3 mA
Class result
0000
Average power
12.59 W
12.59 W
12.36 W
12.37 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com