Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2783 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 10Page - STMicroelectronics AN2783 Datasheet HTML 11Page - STMicroelectronics AN2783 Datasheet HTML 12Page - STMicroelectronics AN2783 Datasheet HTML 13Page - STMicroelectronics AN2783 Datasheet HTML 14Page - STMicroelectronics AN2783 Datasheet HTML 15Page - STMicroelectronics AN2783 Datasheet HTML 16Page - STMicroelectronics AN2783 Datasheet HTML 17Page - STMicroelectronics AN2783 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Bill of material
AN2783
14/47
1
1
1
1
L1
Inductor 3.3 µH ME3220-332ML
Coilcraft
1NM1NM
L2
Inductor 0.33 µH LPS4012-
331L
Coilcraft
NM
1
NM
1
L3
Inductor 0.33 µH DO1813H-
331ML
Coilcraft
MOSFETs
1
1
1
1
Q1
Mosfet STS10PF30L
SO-8
STMicroelectronics
NM
1
NM
1
Q2
Mosfet STSJ60NH3LL
PowerSO-8
STMicroelectronics
1
NM
1
NM
Q3
Mosfet STD5N20L
DPACK - TO252
STMicroelectronics
NM
1
NM
1
Q3
Mosfet STD22NM20M
DPACK - TO252
STMicroelectronics
Resistors
1
1
1
1
R1
Resistor chip 0
Ω
805
Std
NM
NM
NM
NM
R2:R7, R35
Resistor chip
805
Std
NM
NM
NM
NM
R8, R9
Resistor chip 2.2
Ω
2512
Std
2
2
2
2
R11, R15
Resistor chip 15 k
Ω
805
Std
11
11
R10
Resistor chip 330 k
Ω
805
Std
1
1
1
1
R12
Resistor chip 33 k
Ω
805
Std
11
11
R13
Resistor chip 15
Ω
1206
Std
NM
NM
NM
NM
R14, R16,
R20, R41
Resistor chip
1206
Std
11
11
R17
Resistor chip 1 k
Ω
603
Std
11
11
R18
Resistor chip 10
Ω
603
Std
1
1
1
1
R19
Resistor chip 3K3
603
Std
1
1
1
1
R21
Resistor chip 88K7 1%
603
Std
NM
NM
NM
NM
R22, R34,
R36
Resistor chip
603
Std
33
33
R23, R27,
R38
Resistor chip 10 k
Ω
603
Std
2
2
2
2
R24, R25
Resistor chip 0
Ω
603
Std
11
11
R26
Resistor chip 10
Ω
603
Std
11
11
R28
Resistor chip 1 k
Ω
603
Std
11
11
R29
Resistor chip 1 k
Ω
603
Std
Table 2.
Components for the 4 isolated configurations possible with the PM8800 (continued)
Reference
Description
Pkg
Manufacturer
Qty
Qty
Qty
Qty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com