Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2783 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 16Page - STMicroelectronics AN2783 Datasheet HTML 17Page - STMicroelectronics AN2783 Datasheet HTML 18Page - STMicroelectronics AN2783 Datasheet HTML 19Page - STMicroelectronics AN2783 Datasheet HTML 20Page - STMicroelectronics AN2783 Datasheet HTML 21Page - STMicroelectronics AN2783 Datasheet HTML 22Page - STMicroelectronics AN2783 Datasheet HTML 23Page - STMicroelectronics AN2783 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
PoE section
AN2783
20/47
Programming inrush current limit resistor R38 on the PM8800 reference board is left open,
thus the limits are set to the default values.
8.5
DC current limit
The continuous current limitation is internally set at 440 mA, but it is possible to modify it by
connecting a resistor between DCCL and VSS. This limitation is active after setting nPGD,
but in case the selected value is lower than the default inrush current, it also applies during
the inrush current phase.
The formula to select the desired DC current is the following:
Equation 4
Figure 9.
DC current limit vs. RDC
The PM8800 useful programming range for the DC current limitation is between 150 mA and
800 mA. The practical resistor value ranges between 15 k
Ω and 75 kΩ.
Please note that the DC current limit is not linked to the inrush current limit, both limits can
be set independently of each other.
Different current limits occur at different voltage drops between VSS and GND regardless of
the PM8800 operative phase:
●
For a drop < 3 V, the DC limit occurs with a default value of 440 mA
●
For a drop > 3 V but < 15 V, the 3rd step of inrush current occurs with a default value of
440 mA
●
For a drop >15 V and < 30 V, the 2nd step of inrush current occurs with a default value
of 250 mA
●
For a drop > 30 V, the 1st step of inrush current occurs with a default value of 140 mA
We suggest putting the DC limit over the inrush current which allows avoiding an increase of
current limiting during protection phases.
Programming DC current limit resistor R37 on the PM8800 standard reference board is left
open, leaving the default value as the limit, while a 15 k
Ω is mounted on the high-power
version, putting the limit at 740 mA typ.
R
DC kΩ
[]
11200
I
DC mA
[]
-----------------------
=
0
100
200
300
400
500
600
700
800
900
10
20
30
40
50
60
70
80
RDC [kohm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com