Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2783 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 7Page - STMicroelectronics AN2783 Datasheet HTML 8Page - STMicroelectronics AN2783 Datasheet HTML 9Page - STMicroelectronics AN2783 Datasheet HTML 10Page - STMicroelectronics AN2783 Datasheet HTML 11Page - STMicroelectronics AN2783 Datasheet HTML 12Page - STMicroelectronics AN2783 Datasheet HTML 13Page - STMicroelectronics AN2783 Datasheet HTML 14Page - STMicroelectronics AN2783 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
AN2783
Board layout
11/47
Figure 7.
Bottom layer
4.1
Input/output connectors
In Figure 3 the main input / output connections of the reference board are presented:
●
J1 is the RJ45 connector for the PoE input, with data and power applied through the
CAT5 cable (as an alternative, a positive voltage between 30 V and 60 V can be applied
to test points TP1 + and TP2 -)
●
J2 is the RJ45 data output
●
J3 is the power jack for AUXI input (as an alternative, the test points TP 3 + and TP4 -
can be used)
●
J4 is the power jack for AUXII input (as an alternative, the test points TP5 + and TP9 -
can be used)
●
J5 is the DC output connector
4.2
Notes
●
Please note that the use of TP1 and TP2 limits the voltage polarity applied and that
these points are after the data transformer and diode bridges.
●
AUXII is not protected against reverse polarity applied to it.
●
For synchronization tests the capacitor C40 =100 pF must be mounted. Please take
care when using test point TP13 because this is a high impedance point that can easily
pick up noise from the board.
●
Resistive or electronic loads can be used as loads. Limit the output capacitance
externally applied in order to not impact the loop compensation.
●
As an input source a DC power supply with 60 V and 2 A capability is required.
●
For auxiliary inputs a DC source of 60 V and 3 A capability is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com