Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2783 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 19Page - STMicroelectronics AN2783 Datasheet HTML 20Page - STMicroelectronics AN2783 Datasheet HTML 21Page - STMicroelectronics AN2783 Datasheet HTML 22Page - STMicroelectronics AN2783 Datasheet HTML 23Page - STMicroelectronics AN2783 Datasheet HTML 24Page - STMicroelectronics AN2783 Datasheet HTML 25Page - STMicroelectronics AN2783 Datasheet HTML 26Page - STMicroelectronics AN2783 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
AN2783
Power converter
23/47
10
Power converter
The PM8800 reference board implements a flyback converter operating in DCM
(discontinuous mode) at low output power and in CCM (continuous mode) for medium to
high output power.
The output secondary rectifier can be a classic diode for low to medium output power or a
synchronous rectifier for high output current.
Flyback configuration is the standard choice for a low-power isolated converter. It is the
simplest isolated converter, using the lowest number of power components.
CCM has been selected in order to reduce the stress on the power components, especially
on the secondary side.
CCM is assured only at medium to full output power, while in low output power the converter
works in DCM which allows reducing the size of the power transformer.
It is out of the scope of this document to show the whole flyback converter theory, which can
be found in every basic power supply handbook. In this application note we focus only on
the aspects directly related to the use of the PM8800 in a flyback converter.
10.1
Flyback continuous conduction mode
The flyback converter is in DCM when the energy stored during the ON phase has been
completely transferred to the secondary side during the OFF phase. This means that a
small period of time still remains during which no current is flowing on either side of the
power transformer.
When this period of time does not exist, i.e. when the energy stored has not been
completely transferred during the ON phase, the flyback is said to work in CCM.
Compared to CCM, DCM presents higher peak and rms current values on the primary
switch and on the output rectifier. This implies higher output ripple and require bigger input
and output filters.
CCM presents an RHP zero, which slightly complicates the control loop compensation. A
flyback converter designed to work in CCM is also stable in DCM.
The transfer function of a flyback in CCM is:
Equation 5
The above equation can be written as:
Equation 6
Vin
Vds
() Ton
Vout
Vd
+
() NTsw Ton
()
⋅⋅
=
Vout
Vd
+
()
Vin
Vds
()
--------------------------------
D
N1
D
()
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com