Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2783 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 15Page - STMicroelectronics AN2783 Datasheet HTML 16Page - STMicroelectronics AN2783 Datasheet HTML 17Page - STMicroelectronics AN2783 Datasheet HTML 18Page - STMicroelectronics AN2783 Datasheet HTML 19Page - STMicroelectronics AN2783 Datasheet HTML 20Page - STMicroelectronics AN2783 Datasheet HTML 21Page - STMicroelectronics AN2783 Datasheet HTML 22Page - STMicroelectronics AN2783 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
AN2783
PoE section
19/47
R35 is disconnected at the end of the classification phase, when the input voltage rises
above 23 V.
8.3
UVLO and power-on
Power-on is the final state after successful detection and classification. The input voltage is
increased and an internal switch is closed to connect the PD load. The inrush current is
actively limited by the PM8800 itself.
The PM8800 is fully compliant with UVLO thresholds and inrush current limits defined in the
IEEE802.3af standard.
8.4
Inrush current limit
The inrush current in PM8800 has a three-step limit depending on the voltage across the
hot-swap MOSFET. The first two steps are fixed at 140 mA and 250 mA respectively, the
last step has a default value of 440 mA and it is programmable.
The external resistor to select the desired inrush current is found with the following formula:
Equation 3
The PM8800 useful programming range for the inrush current limitation is between140 and
440 mA. The practical resistor value ranges between 25 k
Ω and 82 kΩ.
Depending on the application, attention must be given to the choice of the inrush current
limit to avoid that the voltage drop on the external Ethernet cable causes UVLO conditions
during the charging phase of the bulk capacitor.
It is recommended to select this voltage drop (can be estimated as max: 20
Ω x I inrush) to
be lower than the UVLO hysteresis (7 Vmin) in order to avoid hiccup turn-on.
The inrush current is set to the default three-step values when the AUXI pin is pulled up over
the 2 V internal threshold by an auxiliary voltage.
Figure 8.
Inrush current limit vs. RIRL
R
IRL kΩ
[]
11200
I
IRL mA
[]
------------------------
=
10
30
50
70
90
100 150 200 250 300 350 400 450 500
IIRL [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com