Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2785 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 2Page - STMicroelectronics AN2785 Datasheet HTML 3Page - STMicroelectronics AN2785 Datasheet HTML 4Page - STMicroelectronics AN2785 Datasheet HTML 5Page - STMicroelectronics AN2785 Datasheet HTML 6Page - STMicroelectronics AN2785 Datasheet HTML 7Page - STMicroelectronics AN2785 Datasheet HTML 8Page - STMicroelectronics AN2785 Datasheet HTML 9Page - STMicroelectronics AN2785 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Logic inputs
AN2785
6/51
Doc ID 14785 Rev 1
2
Logic inputs
In the L6393 IC the two input signals (PHASE and BRAKE) are fed into an AND logic port
and the resulting signal is in phase with the high-side output HVG and in opposition of phase
with the low-side output LVG. This means that if BRAKE is held high, the PHASE signal
drives the half bridge in phase with the HVG output and in opposition of phase with the LVG
output. If BRAKE is set to low, the low-side output LVG is always ON and the high-side
output HVG is always OFF, regardless of the PHASE signal. This kind of logic interface
provides the possibility of controlling the power stages using the PHASE signal to select the
current direction in the bridge and the BRAKE signal to perform current slow decay on the
low sides or even a brake function on the low-side power transistors in case of multi-phase
power bridges (for example, full or 3-phase bridges).
From the point of view of logic operations, the two signals PHASE and BRAKE are
completely equivalent, meaning that the two signals can be exchanged without changing the
behavior on the resulting output signals (see the block diagram in Figure 1 on page 1).
Note:
The dead time between the turn OFF of one power switch and the turn ON of the other
power switch is defined by the resistor connected between the DT pin and ground.
Figure 2.
Input configurations
All the logic inputs are provided with hysteresis (~1 V) for low noise sensitivity and are
TTL//CMOS 3.3 V-compatible. Thanks to this low voltage interface logic compatibility, the
L6393 can be used with any kind of high performance controller, such as microcontrollers,
DSPs or FPGAs.
As shown
in the block diagram of Figure 1 the logic inputs have internal pull-down resistors.
The purpose of these resistors is to set a proper logic level in case, for example, there is an
interruption of the logic lines or the controller outputs are in tri-state conditions: if logic inputs
are left floating, the gate driver outputs LVG and HVG are set high and low respectively. The
internal resistors are:
●
PHASE logic input: 375 k
Ω (typ.) pull-down.
●
BRAKE logic input: 375 k
Ω (typ.) pull-down.
●
SD logic input: 500 k
Ω (typ.) pull-down.
PHASE
BRAKE
SD
HVG
LVG
DEAD
TIME
LEVEL
SHIFTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com