| Electronic Components Datasheet Search |
|
AN2785 Datasheet(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2785 Datasheet(HTML) 48 Page - STMicroelectronics |
|
48 / 51 page ![]() Layout suggestions AN2785 48/51 Doc ID 14785 Rev 1 10 Layout suggestions Typically, for power applications using high voltages and large load currents, the board layout of all circuits related to the power stage is important. Board layout includes different aspects, such as track dimensions (length and width), circuit areas, but also the proper routing of the traces and the optimized reciprocal arrangement of the various system elements and power sources in the PCB area. There are several reasons for paying attention to the layout, which include all the EMI issues, both induced and perceived by the application, over-voltage spikes due to parasitic inductances along the PCB traces, proper connection of the sense blocks and the logic inputs of the L6393 device. Figure 37 provides some layout guidelines and suggestions for a full-bridge application. Figure 37. Layout suggestion for a H-bridge power system As explained in Section 6.1.6, the gate driving PCB traces should be designed as short as possible and the circuit area should be minimized to avoid sensitivity of such structures to surrounding noise. Typically, a good power system layout keeps the power IGBTs (or MOSFETs) of each half-bridge as close as possible to the related gate driver. Figure 37 shows a set of parasitic inductances related to the different circuit tracks. The various inductance groups may have undesired effects which should be limited as much as possible. Moreover, note that Figure 37 emphasizes parasitic inductances located on the lines usually managing high voltages and fast current transitions, which are very noisy. HVG H.V. OUT LVG L6393 LP1 GND GND inputs control signals uC MINIMIZE TO LIMIT THE BELOW GROUND SPIKE ON OUT PIN POWER GROUND SIGNAL GROUND DRIVER GROUND MINIMIZE TO LIMIT THE NOISE ON THE INPUT LOGIC SIGNALS AND ON THE ANALOG OPAMP OUTPUT NOT CRITICAL BULK CAPACITOR + MINIMIZE THE LENGHT OF THESE PATHS (IF USED) CHOSE RSENSE WITH LOW PARASITIC INDUCTANCE TRACKS SWITCHING WITH HIGH VOLTAGE TRANSITIONS SHOULD BE KEPT FAR FROM THE LOGIC AND SENSING LINES MINIMIZE THIS AREA LP2 LP3 LP4 LP5 phase 1 LP4 L6393 phase 2 LP3 LP2 LP1 LOAD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |