Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2785 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 39Page - STMicroelectronics AN2785 Datasheet HTML 40Page - STMicroelectronics AN2785 Datasheet HTML 41Page - STMicroelectronics AN2785 Datasheet HTML 42Page - STMicroelectronics AN2785 Datasheet HTML 43Page - STMicroelectronics AN2785 Datasheet HTML 44Page - STMicroelectronics AN2785 Datasheet HTML 45Page - STMicroelectronics AN2785 Datasheet HTML 46Page - STMicroelectronics AN2785 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
AN2785
Below-ground voltage on the OUT pin
Doc ID 14785 Rev 1
43/51
Figure 32.
Different bootstrap network characteristics
Regarding the below-ground voltage spike, typically this undershoot voltage has a very brief
duration (less than 100 ns), therefore it is not enough to further overcharge the bootstrap
capacitor since the time constant of the bootstrap charging is equal to the product of the
CBOOT and the RBOOT resistance in series with the diode. Moreover, the higher this
resistance, the lower the risk of bootstrap overcharging during BVG spikes.
For example, with an RBOOT of 120 Ω and a CBOOT equal to 100 nF, the associated time
constant would be about 12 µs, much higher than the typical below-ground voltage spike
duration: with the internal bootstrap diode it is very difficult to overcharge the floating section
up to dangerous voltages in the very short duration of the undershoot spike. More attention
must be paid to the below-ground voltage of the VBOOT during this spike, because, as
already explained above, the internal junction VBOOT to substrate could turn on; for very
short periods (some tens of nanoseconds) this is typically not a problem.
Figure 33
summarizes the main conditions to avoid any issues related to the below-ground
voltage phenomenon in steady-state. As explained in Section 9.1, typically the static below-
ground voltage is hardly higher than 2 V, so for most applications these constraints are not
usually necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com