| Electronic Components Datasheet Search |
|
AN2785 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2785 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 51 page ![]() Application examples AN2785 24/51 Doc ID 14785 Rev 1 Figure 16. Gate driver output buffers: equivalent circuit This first simplification is related to the inner structure of the gate driver circuitry. The following section focuses on the side of the power bridge and its commutations. In a common half-bridge composed of a high-side and low-side switch, the transitions of the power IGBTs (or MOSFETs) are not all similar, but they can be distinguished into two main types: soft switching and hard switching (Figure 17). The key element in the dynamics of the transitions is the direction of the current flowing in the power IGBT (or MOSFET) under evaluation, which depends on the direction of the load current with respect to the half bridge. Essentially, if the current goes in the same direction as the power switch, the commutation is hard. If the current goes in the opposite direction, the commutation is soft. As shown in Figure 17, hard switching occurs when the high side is commutating and the load current is outgoing from the bridge or when the low side is commutating and the load current is ingoing to the bridge. This type of transition is called hard because the power switch turns ON when the related Vce (Vds) is at the maximum; Vce (Vds) goes back to the maximum during turn OFF (Vce is close to zero while the switch is steadily ON): the transition is completely managed by the switch that, during the commutation, dissipates energy. Figure 17. Hard and soft switching HVG or LVG OUTPUT DRIVER HVG/LVG OUT or GND BOOT or VCC + OUT or HVbus HVG or LVG OUTPUT DRIVER HVG or LVG OUT or GND BOOT or VCC OUT or HVbus RGATE RDSon_source RDSon_sink RGATE RDSon_source Vge Vge RGATE RDSon_sink Vge Vge (Vboot-Vout) or VCC GATE DRIVER OUTPUT: EQUIVALENT CIRCUIT FOR TURN-OFF GATE DRIVER OUTPUT: EQUIVALENT CIRCUIT FOR TURN-ON RGATE Iload OFF ON OFF HARD SWITCHING CURRENT GOING IN THE BRIDGE + LOW SIDE SWITCHING OFF ON OFF ON OFF CURRENT GOING OUT FROM THE BRIDGE + HIGH SIDE SWITCHING OFF ON Iload Iload OFF ON OFF SOFT SWITCHING CURRENT GOING OUT FROM THE BRIDGE + LOW SIDE SWITCHING OFF ON OFF ON OFF CURRENT GOING IN THE BRIDGE + HIGH SIDE SWITCHING OFF ON Iload when the power switches ON the diode is already turned ON |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |