Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2785 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 17Page - STMicroelectronics AN2785 Datasheet HTML 18Page - STMicroelectronics AN2785 Datasheet HTML 19Page - STMicroelectronics AN2785 Datasheet HTML 20Page - STMicroelectronics AN2785 Datasheet HTML 21Page - STMicroelectronics AN2785 Datasheet HTML 22Page - STMicroelectronics AN2785 Datasheet HTML 23Page - STMicroelectronics AN2785 Datasheet HTML 24Page - STMicroelectronics AN2785 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
AN2785
Application examples
Doc ID 14785 Rev 1
21/51
Figure 14.
Waveform related to the VM application circuit with linear hall sensor
6.3
Full-bridge topology: brush DC motor driver
This section provides a further sample circuit using L6393 ICs to drive a typical brush DC
motor. Again, the power stage topology used is full-bridge. Considering that the voltage
mode control circuit is a simplification of the one implementing current mode control, only
this last example is shown in the application circuit depicted in Figure 15.
The direction of the brush DC motor is selected by the DIRECTION signal, which is directly
connected to the PHASE input of one driver and, once inverted, to the PHASE input of the
other L6393 driver. The inversion of the PHASE signal is implemented using one L6393
comparator. The torque applied to the DC motor is controlled by the Vth signal which works
as reference signal for a peak current control implemented using the other available L6393
comparator. The type of control is a peak current control with constant OFF time. It is
possible to control the torque and thus indirectly also the speed of the motor, assuming that
the load torque and the bus voltage remain constant.
The suggested circuit makes it possible to implement a simple brush DC motor driver using
just two L6393s, a few simple passive components and a power full-bridge.
Sinewave
HALL signals
Current
protection
Output
current
PWM generation
with minimum
speed
RD signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com