Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2785 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 36Page - STMicroelectronics AN2785 Datasheet HTML 37Page - STMicroelectronics AN2785 Datasheet HTML 38Page - STMicroelectronics AN2785 Datasheet HTML 39Page - STMicroelectronics AN2785 Datasheet HTML 40Page - STMicroelectronics AN2785 Datasheet HTML 41Page - STMicroelectronics AN2785 Datasheet HTML 42Page - STMicroelectronics AN2785 Datasheet HTML 43Page - STMicroelectronics AN2785 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Below-ground voltage on the OUT pin
AN2785
40/51
Doc ID 14785 Rev 1
Figure 30.
Use of combination of OUT resistor and OUT diode to limit the below
ground voltage spike on OUT pin
Note that ROUT resistor is also in series with the charging path of the bootstrap capacitor. Its
effects may be more evident during the first charge of the bootstrap capacitor, when it is
completely discharged and a significant charging current may flow into the ROUT resistor,
producing an additional voltage drop between ground and OUT pin. Because during the
bootstrap charging the HVG pin is set to low level, the OUT pin and the HVG pin are shorted
together and have the same voltage, so the voltage drop due to ROUT results directly
transferred to the VGE (or VGS) of the high side IGBT (or MOSFET). Then the risk is that a
weak turn ON of the high side power switch, when the low side power switch is already ON,
could cause a cross-conduction in the power half bridge. Actually in most of cases this
doesn’t represent an issue for the proper working of the application, because the typical
intrinsic resistance RBOOT (~120 Ω) in series to the internal bootstrap diode is much higher
than the ROUT commonly used and the voltage drop on ROUT is negligible.
HVG
H.V.
OUT
LVG
BOOT
DH
HS
LS
CBOOT
VCC
HB_OUT
RGH_ON
RGH_OFF
RGL_ON
RGL_OFF
DL
RBOOT
DBOOT
t
V
HB_OUT
OUT
BOOT
0
DOUT
GND
ROUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com