| Electronic Components Datasheet Search |
|
AN2785 Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2785 Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 51 page ![]() Induced turn-on phenomenon AN2785 32/51 Doc ID 14785 Rev 1 7 Induced turn-on phenomenon One possible phenomenon to be analyzed is the induced turn ON that could happen on a turned OFF power IGBT (or MOSFET) when its companion on the same half-bridge is switching on. This phenomenon is due to the current injected on the gate by the Miller parasitic capacitance (Cgc), which causes an undesired voltage increase on the gate of the power IGBT (or MOSFET) which should be kept well turned OFF. Induced gate voltage depends on the absolute value of the parasitic capacitance Cgc, its relative ratio with Cge, the value of the dVOUT/dt of the half-bridge and the value of the equivalent (turn OFF) resistance between the emitter (or the source) and the gate. Figure 24 shows this phenomenon. Figure 24. Induced turn ON phenomenon - circuital description Note that typically the induced turn ON phenomenon does not cause a complete turn ON of the power MOSFET, so it is hard to have a destructive cross-conduction on the half bridge during commutations. Nevertheless, a weak conduction of the opened power switch might increase the power dissipation of the power stage, increasing then the overall temperature of the power MOSFETs and reducing the efficiency. This is the reason why this phenomenon deserves particular attention also in terms of thermal performances of the power application. This phenomenon could be reduced in the following ways. a) By reducing the resistance path between the gate and emitter (source). Reducing as much as possible the gate resistance in which the injected current flows results in a lower voltage drop on the gate. The drawback could be an increase of the dVOUT/dt during the turn OFF of the power IGBT (or MOSFET) which commutates in hard-switching and then an increase of the electrical noise and EMI issues (as explained in the previous paragraph the power IGBT or MOSFET in hard-switching is always the one which has the channel in the same direction as the current). On the other hand, the dVout/dt during turn OFF is usually lower than the one during turn ON because the plateau voltage is closer to the source voltage than the supply voltage of the driver, resulting in a lower gate current for the discharge of the gate charge. PGND LVG OUT HVG Vs dVout/dt induced voltage injected current PGND LVG OUT HVG Vs dVout/dt induced voltage injected current low side hard switching high side hard switching |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |