Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2785 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 4Page - STMicroelectronics AN2785 Datasheet HTML 5Page - STMicroelectronics AN2785 Datasheet HTML 6Page - STMicroelectronics AN2785 Datasheet HTML 7Page - STMicroelectronics AN2785 Datasheet HTML 8Page - STMicroelectronics AN2785 Datasheet HTML 9Page - STMicroelectronics AN2785 Datasheet HTML 10Page - STMicroelectronics AN2785 Datasheet HTML 11Page - STMicroelectronics AN2785 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
UVLO function
AN2785
8/51
Doc ID 14785 Rev 1
3
UVLO function
The L6393 supply voltage VCC is continuously monitored by an under-voltage lock-out
(UVLO) circuitry, which turns off the IC outputs when the supply voltage goes below the
VCC_thOFF threshold (see L6393 datasheet for values) and turns on the device when the
supply voltage goes above the VCC_thON voltage. A hysteresis of about 1.5 V is provided for
noise rejection purposes. The high voltage floating supply BOOT is also provided with a
similar under-voltage lock-out circuitry. When the L6393 is in a UVLO condition, both gate
driver outputs are set to low, setting the half-bridge power switches to high impedance.
Figure 3 shows the I-V characteristics of the output buffers at different VCC values.
Figure 3.
L6393 gate driver outputs in UVLO condition
VLVG/HVG
(V)
L6393 output buffer characteristic in UVLO condition
ILVG/HVG
(mA)
45
50
10
VCC = 0V
VCC = 1V
VCC = 2V
VCC = 3V
20
30
40
VCC = 4V
VCC = 5V
80
60
70
VCC = 6V
90
VCC = 7V
100
VCC = 9V
VCC = 15V
23
1
0
LVG/HVG
GND/OUT
VCC/BOOT
GATE DRIVER
OUTPUT BUFFER
(LS/HS)
n-channel
(sink)
p-channel
(source)
ON
OFF
VCC
+
VLVG/HVG
+
ILVG/HVG
A
NOTE: when VCC <
VLVG/HVG
the body diode of the p-channel (source)
turns ON and clamps the
VLVG/HVG voltage
TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com