Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2785 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 40Page - STMicroelectronics AN2785 Datasheet HTML 41Page - STMicroelectronics AN2785 Datasheet HTML 42Page - STMicroelectronics AN2785 Datasheet HTML 43Page - STMicroelectronics AN2785 Datasheet HTML 44Page - STMicroelectronics AN2785 Datasheet HTML 45Page - STMicroelectronics AN2785 Datasheet HTML 46Page - STMicroelectronics AN2785 Datasheet HTML 47Page - STMicroelectronics AN2785 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Below-ground voltage on the OUT pin
AN2785
44/51
Doc ID 14785 Rev 1
Figure 33.
L6393 safe operating range when OUT pin is below ground voltage (in
steady state)
9.4
Functionality of L6393 outputs in below-ground condition
The L6393 IC gate driver makes use of a level shifter in order to send the set-reset
information to the high-side floating section. The level shifter, shown in Figure 34, is mainly
composed of two high-voltage switches, for set/reset signals, driven by the low-voltage
section and linked to two pull-up resistors connected to the BOOT pin.
Figure 34.
Driver functionality in below-ground voltage condition on OUT pin
The two level-shifted signals are then fed into a logic latch in the high-side floating section,
providing the logic state for the high-side gate driver (HVG output).
Vcc
0V
Vboot-Vout < 20V
Vboot > - 0.3V
Vcc-Vboot
below ground
voltage on Vout
Vboot
Vout
Vcc
0V
Vboot-Vout
Vboot > 5V
Vcc-Vboot
below ground voltage on Vout
Vboot
Vout
High Side
floating
section
Vboot
Vout
Low Side
section
Vcc
set
Level
Shifter
reset
HVG
gnd
Vboot
gnd
for full
functionality
of level shifter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com