Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2785 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2785 Datasheet HTML 1Page - STMicroelectronics AN2785 Datasheet HTML 2Page - STMicroelectronics AN2785 Datasheet HTML 3Page - STMicroelectronics AN2785 Datasheet HTML 4Page - STMicroelectronics AN2785 Datasheet HTML 5Page - STMicroelectronics AN2785 Datasheet HTML 6Page - STMicroelectronics AN2785 Datasheet HTML 7Page - STMicroelectronics AN2785 Datasheet HTML 8Page - STMicroelectronics AN2785 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
December 2009
Doc ID 14785 Rev 1
1/51
AN2785
Application note
L6393 half bridge gate driver
Introduction
The L6393 is a versatile high-voltage gate driver IC particularly suited to motor driving
applications. It simplifies the design of control systems for a wide range of motor
applications such as home appliances, industrial drives, DC motors and fans.
Developed using BCD offline technology, the device can operate with voltage rails up to
600 V. The gate driver provides all the functions and current capability necessary for
high-side and low-side power MOS and IGBT driving.
The L639x are high voltage half-bridge gate drivers. These devices can be used in all
applications where high voltage shifted control is necessary. The devices have a driver
current capability best suited for motor driving ratings and they are also equipped with
patented internal circuitry which replaces the external bootstrap diode. This feature is
achieved by means of a high-voltage DMOS synchronously driven with the low-side gate
driver.
The L6393 is an half-bridge driver with several functionalities such as externally adjustable
dead-time, shut-down function and an uncommitted comparator. The outputs can be driven
by a special logic input interface particularly suitable for phase/brake functions. The device
is available in DIP-14 or SO-14 packages.
Figure 1.
L6393 application block diagram
UV
DETECTION
LEVEL
SHIFTER
BOOTSTRAPDRIVER
S
VCC
LVG
DRIVER
VCC
HVG
DRIVER
HVG
H.V.
TO LOAD
OUT
LVG
BOOT
Cboot
UV
DETECTION
+
-
GND
CPOUT
R
LOGIC
SHOOT
THROUGH
PREVENTION
FLOATINGSTRUCTURE
COMPARATOR
CP+
5V
10
12
13
14
7
8
4
9
6
CP-
SD
2
DT
DEAD
TIME
5
from LVG
BRAKE
PHASE
1
3
www.st.com


Similar Part No. - AN2785

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN278 ETC2-AN278 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2782 STMICROELECTRONICS-AN2782 Datasheet
1Mb / 39P
Solution for designing a 400 W fixed-off-time controlled
05-Mar-2010
AN2783 STMICROELECTRONICS-AN2783 Datasheet
1Mb / 47P
PM8800 demonstration kit for standard and high power PoE
04-Sep-2008
AN2784 STMICROELECTRONICS-AN2784 Datasheet
290Kb / 31P
Using the high-density STM32F10xxx FSMC peripheral to drive external memories
07-Jun-2010
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
The STEVAL-IHI001V1 is a demonstration board designed to simulate
16-Jun-2008
More results

Similar Description - AN2785

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
Half-Bridge Gate Driver
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
Half-bridge gate driver
18-Mar-2008
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
Half-bridge gate driver
11-Aug-2010
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com