Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2785 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 10Page - STMicroelectronics AN2785 Datasheet HTML 11Page - STMicroelectronics AN2785 Datasheet HTML 12Page - STMicroelectronics AN2785 Datasheet HTML 13Page - STMicroelectronics AN2785 Datasheet HTML 14Page - STMicroelectronics AN2785 Datasheet HTML 15Page - STMicroelectronics AN2785 Datasheet HTML 16Page - STMicroelectronics AN2785 Datasheet HTML 17Page - STMicroelectronics AN2785 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Application examples
AN2785
14/51
Doc ID 14785 Rev 1
6.1.2
BOOT (floating) supply pin
To supply the high-side floating section of the gate driver, the bootstrap capacitor must be
placed between the BOOT pin 14 and the OUT pin 12. For a detailed description of the
proper dimensioning of the bootstrap capacitor, refer to Chapter 5. The capacitor must be
placed as close as possible to the related IC pins. The bootstrap diode required for the
charge of the bootstrap capacitor is integrated inside the L6393 device.
6.1.3
Logic input pins
The logic input pins must be connected to the controller with the guidelines provided in
Chapter 2
. If the application environment is very noisy and the logic input voltage is low (for
example, 3.3 V), it can be useful to place some small RC network (not showed in Figure 8)
in series with the logic input lines, in order to avoid false input triggering due to external
noise.
6.1.4
Dead time pin
The resistance value on the DT pin must be selected as per the indications in Chapter 4 and
in Figure 5. It is recommended to connect a capacitor with a value of at least 100 nF
between the DT and GND pins, as close as possible to the IC and with short PCB tracks.
6.1.5
Comparator
The comparator is completely uncommitted and both the two input pins are externally
available. Attention must be paid to the output pin CPOUT, which is inverted with respect to
the comparator inputs due to the open-drain transistor connected to the output.
6.1.6
Gate driver outputs: gate lines
The gates of the power switches and the gate driver outputs can be connected directly, but
usually some gate resistors are placed in series on the gate lines in order to limit the gate
current during commutations. The final target is to control the dVOUT/dt of each half-bridge
output and then reduce the EMI. A more detailed explanation of the mechanisms behind the
dVOUT/dt control through the gate resistors is provided in Section 6.4. The following
calculations should be considered as approximated analyses of the gate charge
phenomenon, and therefore, in order to obtain the proper sizing of the gate resistor, it is
always strongly recommended to evaluate the resulting power bridge transitions through
bench analyses.
As shown in Figure 8, the gate line is split into two paths, one for the turn ON (with, in the
example, a gate resistor of 33
Ω) and the other one for the turn OFF, using a small signal
diode as path selector. Using this specific topology, the equivalent turn OFF resistance is in
a first approximation the parallel of the turn OFF and the turn ON resistances (neglecting the
diode drop). In the example, the turn OFF resistance is set to 0
Ω to provide the lowest
resistance path for the turn OFF of the IGBT. In fact, as explained in the two following
paragraphs, low impedance on the gate driver turn OFF helps to reduce the induced turn
ON phenomenon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com