Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2785 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 19Page - STMicroelectronics AN2785 Datasheet HTML 20Page - STMicroelectronics AN2785 Datasheet HTML 21Page - STMicroelectronics AN2785 Datasheet HTML 22Page - STMicroelectronics AN2785 Datasheet HTML 23Page - STMicroelectronics AN2785 Datasheet HTML 24Page - STMicroelectronics AN2785 Datasheet HTML 25Page - STMicroelectronics AN2785 Datasheet HTML 26Page - STMicroelectronics AN2785 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
AN2785
Application examples
Doc ID 14785 Rev 1
23/51
6.4
Gate driving: principle of working with inductive loads
This section provides a more detailed description of the power IGBT (or MOSFET) gate
driving with inductive loads. The following explanations and calculations are only intended to
provide a general understanding of the physical principles behind the phenomenon of the
dVOUT/dt control through the gate current limitation performed by the gate resistors. The
purpose is to help the application designer using L6393 ICs to understand the various ways
in which different parameters of the gate driver system act on the power transitions, and
thus identify the main effects on which to focus.
Calculations and formulae should be considered as qualitative indications and not for an
accurate quantitative use since, as explained in the above paragraph, they are the result of a
first approximation study. The experimental verification of the design choices is always
recommended.
The description distinguishes and explores the two main actors of the gate driver system: on
the one hand the inner structure of the gate driver output buffers is described, and on the
other hand the switching mechanism of a generic IGBT (or MOSFET) is detailed.
Figure 16
provides a simplified view of the L6393 gate driver output buffers. Each one can
be considered as a CMOS push-pull stage where a p-channel MOSFET works as source
driver while an N-channel MOSFET works as sink driver. The structure is similar for both the
low side and the high side, and the behavior can be considered the same. In fact, the high-
side driver can be thought of as a floating buffer having as supply the VBOOT voltage and as
reference the OUT pin. The CBOOT capacitor represents the floating supply voltage source
of the high-side driver. During the charge of the power switch gate, each source/sink
MOSFET can be considered (in first approximation, for simplicity) as if it would be in the
ohmic region, so it can be represented as an equivalent resistor with a value equal to its
RDSon. Thanks to this approximation, one can use a simplified equivalent circuit for the turn
ON and the turn OFF commutation (see Figure 16). Regarding the turn ON, this gate charge
circuit has two resistors in series (RGATE_ON and RDSon_SOURCE) and a supply voltage
which is VCC for the low side and Vboot-Vout for the high side. Regarding the turn OFF, the
equivalent circuit is composed of just two resistors (RGATE_OFF and RDSon_SINK) connected
to the source of the power switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com