Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259IRGCT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 18 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 14Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 15Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 16Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 17Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 18Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 19Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 20Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 21Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
5.5
Low-Power Mode Supply Currents (Into VCC) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
–40°C
25°C
60°C
85°C
PARAMETER
VCC
PMMCOREVx
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
2.2 V
0
73
78
91
84
93
103
ILPM0,1MHz
Low-power mode 0(3) (4)
µA
3.0 V
3
89
95
105
101
112
124
2.2 V
0
6.7
6.7
12
10.6
13
29
ILPM2
Low-power mode 2(5) (4)
µA
3.0 V
3
7.2
7.2
13
11.6
14
30
0
1.8
2.1
3.4
8.4
2.2 V
1
1.9
2.2
3.6
8.7
2
2.0
2.4
3.8
9.0
Low-power mode 3, crystal
ILPM3,XT1LF
0
2.0
2.3
3.1
3.6
8.6
24
µA
mode(6) (4)
1
2.1
2.5
3.8
8.9
3.0 V
2
2.2
2.6
3.9
9.2
3
2.3
2.7
4.1
4.0
9.2
25
0
1.3
1.6
2.9
2.6
8.5
24
1
1.3
1.6
2.8
8.8
Low-power mode 3,
ILPM3,VLO
3.0 V
µA
VLO mode(7) (4)
2
1.4
1.7
2.9
9.2
3
1.5
1.8
3.2
2.9
9.2
25
0
1.1
1.3
1.7
2.6
7.5
22
1
1.3
1.4
2.7
7.7
ILPM4
Low-power mode 4(8) (4)
3.0 V
µA
2
1.4
1.4
2.8
7.9
3
1.5
1.5
1.8
2.8
7.9
23
ILPM4.5
Low-power mode 4.5(9)
3.0 V
0.15
0.18
0.35
0.26
0.5
1.0
µA
Current supplied from
DVIO while
DVCC = AVCC = 0 V,
IDVIO_START
DVIO = 1.62 V to 1.98 V,
0 V
1.40
1.40
2.0
1.45
1.5
2.1
µA
All DVIO I/O floating
including BSLEN and
RST/NMI
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal MS1V-T1K crystal with a load capacitance of 12.5 pF. The internal and external load
capacitance are chosen to closely match the required 12.5 pF.
(3)
Current for the watchdog timer clocked by SMCLK included. ACLK = low-frequency crystal operation (XTS = 0, XT1DRIVEx = 0).
CPUOFF = 1, SCG0 = 0, SCG1 = 0, OSCOFF = 0 (LPM0), fACLK = 32768 Hz, fMCLK = 0 MHz, fSMCLK = fDCO = 1 MHz
(4)
Current for brownout and high-side supervisor (SVSH) normal mode included. Low-side supervisor (SVSL) and low-side monitor (SVML)
disabled. High-side monitor (SVMH) disabled. RAM retention enabled.
(5)
Current for watchdog timer and RTC clocked by ACLK included. ACLK = low-frequency crystal operation (XTS = 0, XT1DRIVEx = 0).
CPUOFF = 1, SCG0 = 0, SCG1 = 1, OSCOFF = 0 (LPM2), fACLK = 32768 Hz, fMCLK = 0 MHz, fSMCLK = fDCO = 0 MHz, DCO setting = 1
MHz operation, DCO bias generator enabled.)
(6)
Current for watchdog timer and RTC clocked by ACLK included. ACLK = low-frequency crystal operation (XTS = 0, XT1DRIVEx = 0).
CPUOFF = 1, SCG0 = 1, SCG1 = 1, OSCOFF = 0 (LPM3), fACLK = 32768 Hz, fMCLK = fSMCLK = fDCO = 0 MHz
(7)
Current for watchdog timer and RTC clocked by ACLK included. ACLK = VLO.
CPUOFF = 1, SCG0 = 1, SCG1 = 1, OSCOFF = 0 (LPM3), fACLK = fVLO, fMCLK = fSMCLK = fDCO = 0 MHz
(8)
CPUOFF = 1, SCG0 = 1, SCG1 = 1, OSCOFF = 1 (LPM4), fDCO = fACLK = fMCLK = fSMCLK = 0 MHz
(9)
Internal regulator disabled. No data retention.
CPUOFF = 1, SCG0 = 1, SCG1 = 1, OSCOFF = 1, PMMREGOFF = 1 (LPM4.5), fDCO = fACLK = fMCLK = fSMCLK = 0 MHz
18
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com