Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259IRGCT Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 57 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 53Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 54Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 55Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 56Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 57Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 58Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 59Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 60Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
6.9.3
Oscillator and System Clock (Link to user's guide)
The clock system is supported by the Unified Clock System (UCS) module, which includes support for a
32-kHz watch crystal oscillator (XT1 LF mode; XT1 HF mode is not supported), an internal very-low-power
low-frequency oscillator (VLO), an internal trimmed low-frequency oscillator (REFO), an integrated internal
digitally controlled oscillator (DCO), and a high-frequency crystal oscillator (XT2). The UCS module is
designed to meet the requirements of both low system cost and low power consumption. The UCS module
features digital frequency locked loop (FLL) hardware that, in conjunction with a digital modulator,
stabilizes the DCO frequency to a programmable multiple of the selected FLL reference frequency. The
internal DCO provides a fast turnon clock source and stabilizes in 3.5 µs (typical). The UCS module
provides the following clock signals:
•
Auxiliary clock (ACLK), sourced from a 32-kHz watch crystal (XT1), a high-frequency crystal (XT2), the
internal low-frequency oscillator (VLO), the trimmed low-frequency oscillator (REFO), or the internal
digitally controlled oscillator DCO.
•
Main clock (MCLK), the system clock used by the CPU. MCLK can be sourced by same sources made
available to ACLK.
•
Sub-Main clock (SMCLK), the subsystem clock used by the peripheral modules. SMCLK can be
sourced by same sources made available to ACLK.
•
ACLK/n, the buffered output of ACLK, ACLK/2, ACLK/4, ACLK/8, ACLK/16, ACLK/32.
6.9.4
Power-Management Module (PMM) (Link to user's guide)
The PMM includes an integrated voltage regulator that supplies the core voltage to the device and
contains programmable output levels to provide for power optimization. The PMM also includes supply
voltage supervisor (SVS) and supply voltage monitoring (SVM) circuitry, and brownout protection. The
brownout circuit is implemented to provide the proper internal reset signal to the device during power-on
and power-off. The SVS and SVM circuitry detects if the supply voltage drops below a user-selectable
level and supports both supply voltage supervision (the device is automatically reset) and supply voltage
monitoring (the device is not automatically reset). SVS and SVM circuitry is available on the primary
supply and core supply.
6.9.5
Hardware Multiplier (Link to user's guide)
The multiplication operation is supported by a dedicated peripheral module. The module performs
operations with 32-, 24-, 16-, and 8-bit operands. The module supports signed and unsigned multiplication
as well as signed and unsigned multiply-and-accumulate operations.
6.9.6
Real-Time Clock (RTC_A) (Link to user's guide)
The RTC_A module can be used as a general-purpose 32-bit counter (counter mode) or as an integrated
real-time clock (RTC) (calendar mode). In counter mode, the RTC_A also includes two independent 8-bit
timers that can be cascaded to form a 16-bit timer or counter. Both timers can be read and written by
software. Calendar mode integrates an internal calendar that compensates for months with less than
31 days and includes leap year correction. The RTC_A also supports flexible alarm functions and offset-
calibration hardware.
6.9.7
Watchdog Timer (WDT_A) (Link to user's guide)
The primary function of the WDT_A module is to perform a controlled system restart after a software
problem occurs. If the selected time interval expires, a system reset is generated. If the watchdog function
is not needed in an application, the module can be configured as an interval timer and can generate
interrupts at selected time intervals.
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
57
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com