Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259IRGCT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 28 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 24Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 25Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 26Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 27Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 28Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 29Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 30Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 31Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
Crystal Oscillator, XT2 (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
XT2BYPASS = 1(8),
fFault,HF
Oscillator fault frequency(7)
30
300
kHz
XT2BYPASSLV = 0 or 1
(7)
Frequencies below the MIN specification set the fault flag. Frequencies above the MAX specification do not set the fault flag.
Frequencies in between might set the flag.
(8)
Measured with logic-level input frequency but also applies to operation with crystals. Typically, an effective load capacitance of up to 18
pF can be supported.
5.23 Internal Very-Low-Power Low-Frequency Oscillator (VLO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fVLO
VLO frequency
Measured at ACLK
1.8 V to 3.6 V
6
9.4
14
kHz
dfVLO/dT
VLO frequency temperature drift
Measured at ACLK(1)
1.8 V to 3.6 V
0.5
%/°C
dfVLO/dVCC VLO frequency supply voltage drift
Measured at ACLK(2)
1.8 V to 3.6 V
4
%/V
Duty cycle
Measured at ACLK
1.8 V to 3.6 V
40%
50%
60%
(1)
Calculated using the box method: (MAX(–40°C to 85°C) – MIN(–40°C to 85°C)) / MIN(–40°C to 85°C) / (85°C – (–40°C))
(2)
Calculated using the box method: (MAX(1.8 V to 3.6 V) – MIN(1.8 V to 3.6 V)) / MIN(1.8 V to 3.6 V) / (3.6 V – 1.8 V)
5.24 Internal Reference, Low-Frequency Oscillator (REFO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IREFO
REFO oscillator current consumption
TA = 25°C
1.8 V to 3.6 V
3
µA
REFO frequency calibrated
Measured at ACLK
1.8 V to 3.6 V
32768
Hz
fREFO
Full temperature range
1.8 V to 3.6 V
–3.5%
3.5%
REFO absolute tolerance calibrated
TA = 25°C
3 V
–1.5%
1.5%
dfREFO/dT
REFO frequency temperature drift
Measured at ACLK(1)
1.8 V to 3.6 V
0.01
%/°C
dfREFO/dVCC
REFO frequency supply voltage drift
Measured at ACLK(2)
1.8 V to 3.6 V
1.0
%/V
Duty cycle
Measured at ACLK
1.8 V to 3.6 V
40%
50%
60%
tSTART
REFO start-up time
40%/60% duty cycle
1.8 V to 3.6 V
25
µs
(1)
Calculated using the box method: (MAX(–40°C to 85°C) – MIN(–40°C to 85°C)) / MIN(–40°C to 85°C) / (85°C – (–40°C))
(2)
Calculated using the box method: (MAX(1.8 V to 3.6 V) – MIN(1.8 V to 3.6 V)) / MIN(1.8 V to 3.6 V) / (3.6 V – 1.8 V)
28
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com