Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259IRGCT Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 64 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 60Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 61Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 62Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 63Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 64Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 65Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 66Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 67Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
6.9.15 Comparator_B (Link to user's guide)
The primary function of the Comparator_B module is to support precision slope analog-to-digital
conversions, battery voltage supervision, and monitoring of external analog signals.
6.9.16 ADC10_A (Link to user's guide)
The ADC10_A module supports fast 10-bit analog-to-digital conversions. The module implements a 10-bit
SAR core, sample select control, reference generator, and a conversion result buffer. A window
comparator with lower and upper limits allows CPU-independent result monitoring with three window
comparator interrupt flags.
6.9.17 CRC16 (Link to user's guide)
The CRC16 module produces a signature based on a sequence of entered data values and can be used
for data checking purposes. The CRC16 module signature is based on the CRC-CCITT standard.
6.9.18 REF Voltage Reference (Link to user's guide)
The reference module (REF) is responsible for generation of all critical reference voltages that can be
used by the various analog peripherals in the device.
6.9.19 Embedded Emulation Module (EEM) (S Version) (Link to user's guide)
The EEM supports real-time in-system debugging. The S version of the EEM has the following features:
•
Three hardware triggers or breakpoints on memory access
•
One hardware trigger or breakpoint on CPU register write access
•
Up to four hardware triggers can be combined to form complex triggers or breakpoints
•
One cycle counter
•
Clock control on module level
64
Detailed Description
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com