Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259IRGCT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 24 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 20Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 21Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 22Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 23Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 24Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 25Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 26Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 27Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 112 page
background image
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T = 25°C
A
T = 85°C
A
V
= 3.0 V
Px.y
CC
V
– High-Level Output Voltage – V
OH
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
0.0
0.5
1.0
1.5
2.0
T = 25°C
A
T = 85°C
A
V
= 1.8 V
Px.y
CC
V
– High-Level Output Voltage – V
OH
0.0
5.0
10.0
15.0
20.0
25.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T = 25°C
A
T = 85°C
A
V
= 3.0 V
Px.y
CC
V
– Low-Level Output Voltage – V
OL
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.0
0.5
1.0
1.5
2.0
T = 25°C
A
T = 85°C
A
V
= 1.8 V
Px.y
CC
V
– Low-Level Output Voltage – V
OL
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
5.19 Typical Characteristics – Outputs, Reduced Drive Strength (PxDS.y = 0)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
Figure 5-5. Typical Low-Level Output Current vs Low-Level
Figure 5-4. Typical Low-Level Output Current vs Low-Level
Output Voltage
Output Voltage
Figure 5-7. Typical High-Level Output Current vs High-Level
Figure 5-6. Typical High-Level Output Current vs High-Level
Output Voltage
Output Voltage
24
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com