Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259IRGCT Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 37 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 33Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 34Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 35Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 36Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 37Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 38Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 39Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 40Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
5.39 USCI (SPI Slave Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
(see Figure 5-15 and Figure 5-16)
PARAMETER
TEST CONDITIONS
VCC
VIO
MIN
MAX
UNIT
1.8 V
1.62 V to 1.80 V
12
PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
12
tSTE,LEAD
STE lead time, STE low to clock
ns
2.4 V
1.62 V to 1.98 V
10
PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
10
1.8 V
1.62 V to 1.80 V
6
PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
6
STE lag time, Last clock to STE
tSTE,LAG
ns
high
2.4 V
1.62 V to 1.98 V
6
PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
6
1.8 V
1.62 V to 1.80 V
65
PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
65
STE access time, STE low to SOMI
tSTE,ACC
ns
data out
2.4 V
1.62 V to 1.98 V
45
PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
45
1.8 V
1.62 V to 1.80 V
35
PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
35
STE disable time, STE high to
tSTE,DIS
ns
SOMI high impedance
2.4 V
1.62 V to 1.98 V
25
PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
25
1.8 V
1.62 V to 1.80 V
5
PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
5
tSU,SI
SIMO input data setup time
ns
2.4 V
1.62 V to 1.98 V
5
PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
5
1.8 V
1.62 V to 1.80 V
5
PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
5
tHD,SI
SIMO input data hold time
ns
2.4 V
1.62 V to 1.98 V
5
PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
5
UCLK edge to SOMI valid,
1.8 V
1.62 V to 1.80 V
75
CL = 20 pF,
3.0 V
1.62 V to 1.98 V
75
PMMCOREV = 0
tVALID,SO
SOMI output data valid time(2)
ns
UCLK edge to SOMI valid,
2.4 V
1.62 V to 1.98 V
50
CL = 20 pF,
3.0 V
1.62 V to 1.98 V
50
PMMCOREV = 3
1.8 V
1.62 V to 1.80 V
10
CL = 20 pF,
PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
10
tHD,SO
SOMI output data hold time(3)
ns
2.4 V
1.62 V to 1.98 V
10
CL = 20 pF,
PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
10
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(Master) + tSU,SI(USCI), tSU,MI(Master) + tVALID,SO(USCI)).
For the master parameters tSU,MI(Master) and tVALID,MO(Master) see the SPI parameters of the attached slave.
(2)
Specifies the time to drive the next valid data to the SOMI output after the output changing UCLK clock edge. See the timing diagrams
in Figure 5-15 and Figure 5-16.
(3)
Specifies how long data on the SOMI output is valid after the output changing UCLK clock edge. See the timing diagrams in Figure 5-15
and Figure 5-16.
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
37
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com