Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259IRGCT Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 30Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 31Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 32Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 33Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 34Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 35Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 36Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 37Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
5.33 Timer_A
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
VIO
MIN
MAX UNIT
Internal: SMCLK, ACLK
1.8 V
1.62 V to 1.8 V
25
fTA
Timer_A input clock frequency
External: TACLK
MHz
3.0 V
1.62 V to 1.98 V
25
Duty cycle = 50% ±10%
All capture inputs,
1.8 V
1.62 V to 1.8 V
20
tTA,cap
Timer_A capture timing(1)
Minimum pulse duration
ns
3.0 V
1.62 V to 1.98 V
20
required for capture
(1)
The external signal sets the interrupt flag every time the minimum parameters are met. It may be set even with trigger signals shorter
than tTA,cap.
5.34 Timer_B
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
VIO
MIN
MAX UNIT
Internal: SMCLK, ACLK
1.8 V
1.62 V to 1.8 V
25
fTB
Timer_B input clock frequency
External: TBCLK
MHz
3.0 V
1.62 V to 1.98 V
25
Duty cycle = 50% ±10%
All capture inputs,
1.8 V
1.62 V to 1.8 V
20
tTB,cap
Timer_B capture timing(1)
Minimum pulse duration
ns
3.0 V
1.62 V to 1.98 V
20
required for capture
(1)
The external signal sets the interrupt flag every time the minimum parameters are met. It may be set even with trigger signals shorter
than tTB,cap.
34
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com