Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259IRGCT Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 93 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 89Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 90Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 91Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 92Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 93Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 94Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 95Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 96Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
6.11 Device Descriptors
Table 6-59 and Table 6-60 list the complete contents of the device descriptor tag-length-value (TLV)
structure for each device type.
Table 6-59. MSP430F5259, MSP430F5257, MSP430F5255, MSP430F5253 Device Descriptor Table(1)
VALUE
SIZE
DESCRIPTION
ADDRESS
(BYTES)
F5259
F5257
F5255
F5253
Info Block
Info length
01A00h
1
06h
06h
06h
06h
CRC length
01A01h
1
06h
06h
06h
06h
CRC value
01A02h
2
per unit
per unit
per unit
per unit
Device ID
01A04h
1
FF
01
03
05
Device ID
01A05h
1
81
82
82
82
Hardware revision
01A06h
1
per unit
per unit
per unit
per unit
Firmware revision
01A07h
1
per unit
per unit
per unit
per unit
Die Record
Die Record Tag
01A08h
1
08h
08h
08h
08h
Die Record length
01A09h
1
0Ah
0Ah
0Ah
0Ah
Lot/Wafer ID
01A0Ah
4
per unit
per unit
per unit
per unit
Die X position
01A0Eh
2
per unit
per unit
per unit
per unit
Die Y position
01A10h
2
per unit
per unit
per unit
per unit
Test results
01A12h
2
per unit
per unit
per unit
per unit
ADC10
ADC10 Calibration Tag
01A14h
1
13h
13h
13h
13h
Calibration
ADC10 Calibration length
01A15h
1
10h
10h
10h
10h
ADC Gain Factor
01A16h
2
per unit
per unit
per unit
per unit
ADC Offset
01A18h
2
per unit
per unit
per unit
per unit
ADC 1.5-V Reference
01A1Ah
2
per unit
per unit
per unit
per unit
Temp. Sensor 30°C
ADC 1.5-V Reference
01A1Ch
2
per unit
per unit
per unit
per unit
Temp. Sensor 85°C
ADC 2.0-V Reference
01A1Eh
2
per unit
per unit
per unit
per unit
Temp. Sensor 30°C
ADC 2.0-V Reference
01A20h
2
per unit
per unit
per unit
per unit
Temp. Sensor 85°C
ADC 2.5-V Reference
01A22h
2
per unit
per unit
per unit
per unit
Temp. Sensor 30°C
ADC 2.5-V Reference
01A24h
2
per unit
per unit
per unit
per unit
Temp. Sensor 85°C
REF Calibration
REF Calibration Tag
01A26h
1
12h
12h
12h
12h
REF Calibration length
01A27h
1
06h
06h
06h
06h
REF 1.5-V Reference Factor
01A28h
2
per unit
per unit
per unit
per unit
REF 2.0-V Reference Factor
01A2Ah
2
per unit
per unit
per unit
per unit
REF 2.5-V Reference Factor
01A2Ch
2
per unit
per unit
per unit
per unit
(1)
NA = Not applicable, blank = unused and reads FFh.
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
93
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com