Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5259IRGCT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259IRGCT
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259IRGCT Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430F5259IRGCT Datasheet HTML 16Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 17Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 18Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 19Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 20Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 21Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 22Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 23Page - Texas Instruments MSP430F5259IRGCT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
5.7
Schmitt-Trigger Inputs – General-Purpose I/O DVCC Domain
(1)
(P5.0 to P5.5, P6.0 to P6.7, PJ.0 to PJ.3, RSTDVCC)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
1.8 V
0.80
1.40
VIT+
Positive-going input threshold voltage
V
3 V
1.50
2.10
1.8 V
0.45
1.00
VIT–
Negative-going input threshold voltage
V
3 V
0.75
1.65
1.8 V
0.3
0.8
Vhys
Input voltage hysteresis (VIT+ – VIT–)
V
3 V
0.4
1.0
For pullup: VIN = VSS,
RPull
Pullup or pulldown resistor
20
35
50
k
Ω
For pulldown: VIN = VCC
CI
Input capacitance
VIN = VSS or VCC
5
pF
(1)
These same parametrics apply to the clock input pin when crystal bypass mode is used on XT1 (XIN) or XT2 (XT2IN).
5.8
Schmitt-Trigger Inputs – General-Purpose I/O DVIO Domain
(P1.0 to P1.7, P2.0 to P2.7, P3.0 to P3.4, P4.0 to P4.7, P7.0 to P7.5, RST/NMI, BSLEN)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VIO
MIN
TYP
MAX
UNIT
1.62 V
0.8
1.25
VIT+
Positive-going input threshold voltage
VCC = 3.0 V
V
1.98 V
1.1
1.40
1.62 V
0.3
0.7
VIT–
Negative-going input threshold voltage
VCC = 3.0 V
V
1.98 V
0.5
1.0
Vhys
Input voltage hysteresis (VIT+ – VIT–)
VCC = 3.0 V
1.62 V to 1.98 V
0.3
0.8
V
For pullup: VIN = VSS,
RPull
Pullup or pulldown resistor(1)
20
35
50
k
Ω
For pulldown: VIN = VIO
CI
Input capacitance
VIN = VSS or VIO
5
pF
(1)
Also applies to the RST pin when the pullup or pulldown resistor is enabled.
5.9
Inputs – Interrupts DVCC Domain Port P6
(P6.0 to P6.7)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
t(int)
External interrupt timing(1)
External trigger pulse duration to set interrupt flag
1.8 V, 3 V
20
ns
(1)
An external signal sets the interrupt flag every time the minimum interrupt pulse duration t(int) is met. It may be set by trigger signals
shorter than t(int).
5.10 Inputs – Interrupts DVIO Domain Ports P1 and P2
(P1.0 to P1.7, P2.0 to P2.7)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VIO
(1)
MIN
MAX
UNIT
External trigger pulse duration to set interrupt flag,
1.62 V to
t(int)
External interrupt timing(2)
20
ns
VCC = 1.8 V or 3.0 V
1.98 V
(1)
In all test conditions, VIO ≤ VCC.
(2)
An external signal sets the interrupt flag every time the minimum interrupt pulse duration t(int) is met. It may be set by trigger signals
shorter than t(int).
20
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com