Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LMA Datasheet(PDF) 116 Page - SPANSION

Part # MB9AF112LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LMA Datasheet(HTML) 116 Page - SPANSION

Back Button MB9AF112LMA Datasheet HTML 112Page - SPANSION MB9AF112LMA Datasheet HTML 113Page - SPANSION MB9AF112LMA Datasheet HTML 114Page - SPANSION MB9AF112LMA Datasheet HTML 115Page - SPANSION MB9AF112LMA Datasheet HTML 116Page - SPANSION MB9AF112LMA Datasheet HTML 117Page - SPANSION MB9AF112LMA Datasheet HTML 118Page - SPANSION MB9AF112LMA Datasheet HTML 119Page - SPANSION MB9AF112LMA Datasheet HTML 120Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
113
CONFIDENTIAL
 MAJOR CHANGES
Page
Section
Change Results
Revision 1.0
-
-
Initial release
Revision 2.0
-
-
• Revised series name and part number:
MB9A110 Series→MB9A110A Series
MB9AF111L → MB9AF111LA
MB9AF112L → MB9AF112LA
MB9AF114L → MB9AF114LA
MB9AF111M → MB9AF111MA
MB9AF112M → MB9AF112MA
MB9AF114M → MB9AF114MA
MB9AF115M → MB9AF115MA
MB9AF116M → MB9AF116MA
MB9AF111N → MB9AF111NA
MB9AF112N → MB9AF112NA
MB9AF114N → MB9AF114NA
MB9AF115N → MB9AF115NA
MB9AF116N → MB9AF116NA
• Added the package.
LCC-64P-M24
8
PRODUCT LINEUP
• Function
Multi-function Serial Interface
(UART/CSIO/LIN/I
2C)
Added the following description.
ch.4 to ch.7: FIFO (16steps × 9-bit)
ch.0 to ch.3: No FIFO
• External Interrupts
Corrected the following description.
7pins (Max) → 8pins (Max)
34 to
37
SIGNAL DESCRIPTION
Multi-function Serial (ch.0 to ch.7)
Corrected the description for function.
• Added "LIN pin"
• Deleted "UART pin"
42, 43
I/O CIRCUIT TYPE
• Corrected the following schematic for "TypeB".
CMOS level hysteresis input → Digital input
• Corrected the following schematic for "TypeC".
Control Pin → Digital output
51
HANDLING DEVICES
• Power supply pins
Corrected the description.
54
MEMORY SIZE
Added " MEMORY SIZE".
69
ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(1) Main Clock Input Characteristics
Added the items FCM to the Internal operating clock frequency.
71
(4-2) Operating Conditions of Main PLL 
Added the description.
72
(7) External Bus Timing
• External bus clock output Characteristics
79
(8) Base Timer Input Timing
• Trigger input timing
Added the Note.
88
(10) External input timing 
Corrected the footnote.
94
6. 12-bit A/D Converter
• Electrical characteristics for the A/D
converter
• Corrected the value of "Full-scale transition voltage".
Min: -20 → AVRH-20
Max: +20 → AVRH+20
• Corrected the value of "Compare clock cycle".
Max: 10000 → 2000
• Corrected the value of "Reference voltage".
Min: AVSS → 2.7
Revision 2.1
-
-
Company name and layout design change
Revision 3.0
3
FEATURES
External Bus Interface
Added the description of Maximum area size
9
PACKAGES
Deleted FPT-64P-M24, FPT-64P-M23, FPT-80P-M21, FPT-100P-M20
44, 46
I/O CIRCUIT TYPE
Added the description of I
2C to the type of E, F and I
44, 45
I/O CIRCUIT TYPE
Added about +B input
51
HANDLING DEVICES
Added "Stabilizing power supply voltage"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com