Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LMA Datasheet(PDF) 117 Page - SPANSION

Part # MB9AF112LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LMA Datasheet(HTML) 117 Page - SPANSION

Back Button MB9AF112LMA Datasheet HTML 113Page - SPANSION MB9AF112LMA Datasheet HTML 114Page - SPANSION MB9AF112LMA Datasheet HTML 115Page - SPANSION MB9AF112LMA Datasheet HTML 116Page - SPANSION MB9AF112LMA Datasheet HTML 117Page - SPANSION MB9AF112LMA Datasheet HTML 118Page - SPANSION MB9AF112LMA Datasheet HTML 119Page - SPANSION MB9AF112LMA Datasheet HTML 120Page - SPANSION MB9AF112LMA Datasheet HTML 121Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 117 / 121 page
background image
D a t a S h e e t
114
MB9A110A-DS706-00011-3v0-E, December 16, 2014
CONFIDENTIAL
Page
Section
Change Results
51
HANDLING DEVICES
Crystal oscillator circuit
Added the following description
"Evaluate oscillation of your using crystal oscillator by your mount board."
52
HANDLING DEVICES
C Pin
Changed the description
53
BLOCK DIAGRAM
Modified the block diagram
54
MEMORY SIZE
Changed to the following description
See "Memory size" in "PRODUCT LINEUP" to confirm the memory size.
55
MEMORY MAP
· Memory map(1)
Modified the area of "Extarnal Device Area"
56, 57
MEMORY MAP
· Memory map(2)(3)
Added the summary of Flash memory sector and the note
64, 65
ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
· Added the Clamp maximum current
· Added the output current of P80 and P81
· Added about +B input
66
ELECTRICAL CHARACTERISTICS
2. Recommended Operation Conditions
· Modified the minimum value of Analog reference voltage
· Added Smoothing capacitor
· Added the note about less than the minimum power supply voltage
67, 68
ELECTRICAL CHARACTERISTICS
3. DC Characteristics
(1) Current rating
· Changed the table format
· Added Main TIMER mode current
· Added Flash Memory Current
· Moved A/D Converter Current
71
ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(3) Built-in CR Oscillation Characteristics
Added Frequency stability time at Built-in high-speed CR
72
ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(4-1)(4-2) Operating Conditions of Main
PLL
· Added Main PLL clock frequency
· Added the figure of Main PLL connection
73
ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(6) Power-on Reset Timing
· Added Time until releasing Power-on reset
· Changed the figure of timing
75-77
ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(7) External Bus Timing
Modified Data output time
82-89
ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(8) CSIO/UART Timing
· Modified from UART Timing to CSIO/UART Timing
· Changed from Internal shift clock operation to Master mode
· Changed from External shift clock operation to Slave mode
96
ELECTRICAL CHARACTERISTICS
5. 12bit A/D Converter
· Added the typical value of Integral Nonlinearity, Differential Nonlinearity,
Zero transition voltage and Full-scale transition voltage
· Modified Stage transition time to operation permission
· Modified the minimum value of Reference voltage
101
ELECTRICAL CHARACTERISTICS
9. Return Time from Low-Power
Consumption Mode
Added Return Time from Low-Power Consumption Mode
105
ORDERING INFORMATION
Change to full part number
106
PACKAGE DIMENSIONS
Deleted FPT-64P-M24, FPT-64P-M23, FPT-80P-M21, FPT-100P-M20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com