Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360R Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 33Page - Cypress Semiconductor MB9B360R Datasheet HTML 34Page - Cypress Semiconductor MB9B360R Datasheet HTML 35Page - Cypress Semiconductor MB9B360R Datasheet HTML 36Page - Cypress Semiconductor MB9B360R Datasheet HTML 37Page - Cypress Semiconductor MB9B360R Datasheet HTML 38Page - Cypress Semiconductor MB9B360R Datasheet HTML 39Page - Cypress Semiconductor MB9B360R Datasheet HTML 40Page - Cypress Semiconductor MB9B360R Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 37 of 166
MB9B360R Series
Pin
function
Pin name
Function description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
Multi- function
Serial
2
SIN2_0
Multi-function serial interface ch.2 input pin
53
-
-
-
-
K9
SIN2_1
85
-
-
-
-
E10
SIN2_2
68
58
47
36
J11
H12
SOT2_0
(SDA2_0)
Multi-function serial interface ch.2 output pin.
This pin operates as SOT2 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as
SDA2 when it is used in an I
2C (operation mode
4).
54
-
-
-
-
M10
SOT2_1
(SDA2_1)
84
-
-
-
-
E11
SOT2_2
(SDA2_2)
69
59
48
37
H12
H11
SCK2_0
(SCL2_0)
Multi-function serial interface ch.2 clock I/O pin.
This pin operates as SCK2 when it is used in a
CSIO (operation modes 2) and as SCL2 when it is
used in an I
2C (operation mode 4).
55
-
-
-
-
L10
SCK2_1
(SCL2_1)
83
-
-
-
-
E12
SCK2_2
(SCL2_2)
74
64
53
42
H11
H10
Multi- function
Serial
3
SIN3_0
Multi-function serial interface ch.3 input pin
110
-
-
-
-
A6
SIN3_1
15
10
10
88
F1
G1
SOT3_0
(SDA3_0)
Multi-function serial interface ch.3 output pin.
This pin operates as SOT3 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as
SDA3 when it is used in an I
2C (operation mode
4).
109
-
-
-
-
B6
SOT3_1
(SDA3_1)
16
11
11
89
F2
G2
SCK3_0
(SCL3_0)
Multi-function serial interface ch.3 clock I/O pin.
This pin operates as SCK3 when it is used in a
CSIO (operation modes 2) and as SCL3 when it is
used in an I
2C (operation mode 4).
108
-
-
-
-
C6
SCK3_1
(SCL3_1)
17
12
12
90
F3
G3
Multi- function
Serial
4
SIN4_0
Multi-function serial interface ch.4 input pin
6
6
6
84
D2
D3
SIN4_1
75
65
54
43
G12
G12
SIN4_2
10
-
-
-
-
E4
SOT4_0
(SDA4_0)
Multi-function serial interface ch.4 output pin.
This pin operates as SOT4 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as
SDA4 when it is used in an I
2C (operation mode
4).
5
5
5
83
D1
D2
SOT4_1
(SDA4_1)
76
66
55
44
G11
G11
SOT4_2
(SDA4_2)
11
-
-
-
-
F1
SCK4_0
(SCL4_0)
Multi-function serial interface ch.4 clock I/O pin.
This pin operates as SCK4 when it is used in a
CSIO (operation modes 2) and as SCL4 when it is
used in an I
2C (operation mode 4).
4
4
4
82
C3
D1
SCK4_1
(SCL4_1)
77
67
56
45
F12
G10
SCK4_2
(SCL4_2)
12
-
-
-
-
F2
CTS4_0
Multi-function serial interface ch.4 CTS input pin
2
2
2
80
C1
C1
CTS4_1
78
68
-
46
F11
F13
CTS4_2
13
-
-
-
-
F3
RTS4_0
Multi-function serial interface ch.4 RTS output pin
3
3
3
81
C2
C2
RTS4_1
79
69
-
47
E12
F12
RTS4_2
14
9
9
87
E3
F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com