Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360R Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 36Page - Cypress Semiconductor MB9B360R Datasheet HTML 37Page - Cypress Semiconductor MB9B360R Datasheet HTML 38Page - Cypress Semiconductor MB9B360R Datasheet HTML 39Page - Cypress Semiconductor MB9B360R Datasheet HTML 40Page - Cypress Semiconductor MB9B360R Datasheet HTML 41Page - Cypress Semiconductor MB9B360R Datasheet HTML 42Page - Cypress Semiconductor MB9B360R Datasheet HTML 43Page - Cypress Semiconductor MB9B360R Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 40 of 166
MB9B360R Series
Pin
function
Pin name
Function description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
Multi-
function
Timer
1
DTTI1X_0
Input signal controlling wave form generator
outputs RTO10 to RTO15 of Multi-function timer
1.
8
8
8
86
E2
E2
DTTI1X_1
55
-
-
-
-
L10
FRCK1_0
16-bit free-run timer ch.1 external clock input pin
96
81
66
59
A9
D9
FRCK1_1
50
45
35
23
L9
L8
IC10_0
16-bit input capture ch.1 input pin of Multi-function
timer 1.
ICxx describes channel number.
95
80
65
58
A10
B10
IC10_1
54
-
-
-
-
M10
IC11_0
94
79
64
57
B10
A11
IC11_1
53
-
-
-
-
K9
IC12_0
93
78
63
56
B11
C10
IC12_1
52
-
-
-
-
L9
IC13_0
92
77
62
55
A12
B13
IC13_1
51
-
-
-
-
K8
RTO10_0
(PPG10_0)
Wave form generator output pin of Multi-function
timer 1.
This pin operates as PPG10 when it is used in
PPG1 output modes.
2
2
2
80
C1
C1
RTO10_1
(PPG10_1)
32
27
-
5
N2
N2
RTO11_0
(PPG10_0)
Wave form generator output pin of Multi-function
timer 1.
This pin operates as PPG10 when it is used in
PPG1 output modes.
3
3
3
81
C2
C2
RTO11_1
(PPG10_1)
33
28
-
6
N3
L2
RTO12_0
(PPG12_0)
Wave form generator output pin of Multi-function
timer 1.
This pin operates as PPG12 when it is used in
PPG1 output modes.
4
4
4
82
C3
D1
RTO12_1
(PPG12_1)
34
29
-
7
M3
N3
RTO13_0
(PPG12_0)
Wave form generator output pin of Multi-function
timer 1.
This pin operates as PPG12 when it is used in
PPG1 output modes.
5
5
5
83
D1
D2
RTO13_1
(PPG12_1)
35
30
-
8
L3
M3
RTO14_0
(PPG14_0)
Wave form generator output pin of Multi-function
timer 1.
This pin operates as PPG14 when it is used in
PPG1 output modes.
6
6
6
84
D2
D3
RTO14_1
(PPG14_1)
36
31
21
9
M4
L4
RTO15_0
(PPG14_0)
Wave form generator output pin of Multi-function
timer 1.
This pin operates as PPG14 when it is used in
PPG1 output modes.
7
7
7
85
E1
E1
RTO15_1
(PPG14_1)
37
32
22
10
L5
K5
Quadrature
Position/
Revolution
Counter
0
AIN0_0
QPRC ch.0 AIN input pin
24
19
14
97
J2
J2
AIN0_1
51
-
-
-
-
K8
AIN0_2
2
2
2
80
C1
C1
BIN0_0
QPRC ch.0 BIN input pin
25
20
15
98
J3
J3
BIN0_1
52
-
-
-
-
L9
BIN0_2
3
3
3
81
C2
C2
ZIN0_0
QPRC ch.0 ZIN input pin
26
21
16
99
K1
J4
ZIN0_1
53
-
-
-
-
K9
ZIN0_2
4
4
4
82
C3
D1
Quadrature
Position/
Revolution
Counter
1
AIN1_0
QPRC ch.1 AIN input pin
10
-
-
-
-
E4
AIN1_1
89
74
-
52
C12
C12
AIN1_2
48
43
33
21
L8
K7
BIN1_0
QPRC ch.1 BIN input pin
11
-
-
-
-
F1
BIN1_1
88
73
-
51
C13
D11
BIN1_2
49
44
34
22
M9
M8
ZIN1_0
QPRC ch.1 ZIN input pin
12
-
-
-
-
F2
ZIN1_1
87
72
-
50
D12
D12
ZIN1_2
50
45
35
23
L9
L8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com