Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360R Datasheet(PDF) 69 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 69 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 65Page - Cypress Semiconductor MB9B360R Datasheet HTML 66Page - Cypress Semiconductor MB9B360R Datasheet HTML 67Page - Cypress Semiconductor MB9B360R Datasheet HTML 68Page - Cypress Semiconductor MB9B360R Datasheet HTML 69Page - Cypress Semiconductor MB9B360R Datasheet HTML 70Page - Cypress Semiconductor MB9B360R Datasheet HTML 71Page - Cypress Semiconductor MB9B360R Datasheet HTML 72Page - Cypress Semiconductor MB9B360R Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 69 of 166
MB9B360R Series
WARNING
The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the
device's electrical characteristics are warranted when the device is operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition.
Operation under any conditions other than these conditions may adversely affect reliability of device and could result in device
failure.
No warranty is made with respect to any use, operating conditions or combinations not represented on this data sheet. If you are
considering application under any conditions other than listed herein, please contact sales representatives beforehand.
Calculation method of power dissipation (Pd)
The power dissipation is shown in the following formula.
Pd = VCC × ICC + Σ (IOL × VOL) + Σ ((VCC-VOH) × (-IOH))
IOL : "L" level output current
IOH : "H" level output current
VOL : "L" level output voltage
VOH : "H" level output voltage
ICC is a current consumed in device.
It can be analyzed as follows.
ICC = ICC(INT) + ΣICC(IO)
ICC(INT) : Current consumed in internal logic and memory, etc. through regulator
ΣI
CC(IO) : Sum of current (I/O switching current) consumed in output pin
For ICC (INT), it can be anticipated by "(1) Current Rating" in "3. DC Characteristics" (This rating value does not include ICC (IO) for a
value at pin fixed).
For Icc (IO), it depends on system used by customers.
The calculation formula is shown below.
ICC(IO) = (CINT + CEXT) × VCC × fsw
CINT : Pin internal load capacitance
CEXT : External load capacitance of output pin
fSW
: Pin switching frequency
Parameter
Symbol
Conditions
Capacitance value
Pin internal load capacitance
CINT
4mA type
1.93pF
8mA type
3.45pF
12mA type
3.42pF
Calculate ICC (Max) as follows when the power dissipation can be evaluated by yourself.
1. Measure current value ICC (Typ) at normal temperature (+25°C).
2. Add maximum leak current value ICC (leak_max) at operating on a value in (1).
ICC(Max) = ICC(Typ) + ICC(leak_max)
Parameter
Symbol
Conditions
Current value
Maximum leak current at
operating
ICC(leak_max)
Tj = +125°C
45.5mA
Tj = +105°C
26.8mA
Tj = +85°C
16.2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com