Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360R Datasheet(PDF) 77 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 77 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 73Page - Cypress Semiconductor MB9B360R Datasheet HTML 74Page - Cypress Semiconductor MB9B360R Datasheet HTML 75Page - Cypress Semiconductor MB9B360R Datasheet HTML 76Page - Cypress Semiconductor MB9B360R Datasheet HTML 77Page - Cypress Semiconductor MB9B360R Datasheet HTML 78Page - Cypress Semiconductor MB9B360R Datasheet HTML 79Page - Cypress Semiconductor MB9B360R Datasheet HTML 80Page - Cypress Semiconductor MB9B360R Datasheet HTML 81Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 77 of 166
MB9B360R Series
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Low-voltage
detection
circuit (LVD)
power supply
current
ICCLVD
VCC
At operation
-
4
7
μA
For
occurrence
of interrupt
Main flash
memory
write/erase
current
ICCFLASH
At
Write/Erase
-
13.4
15.9
mA
Work flash
memory
write/erase
current
ICCWFLASH
At
Write/Erase
-
11.5
13.6
mA
Peripheral current dissipation
Clock system
Peripheral
Unit
Frequency (MHz)
Unit
Remarks
40
80
160
HCLK
GPIO
All ports
0.22
0.43
0.85
mA
DMAC
-
0.74
1.48
2.88
DSTC
-
0.32
0.61
1.17
External bus I/F
-
0.14
0.27
0.55
SD card I/F
-
0.93
1.81
3.63
USB
1ch.
0.34
0.67
1.33
PCLK1
Base timer
4ch.
0.16
0.34
0.66
mA
Multi-functional
timer/PPG
1unit/4ch.
0.55
1.09
2.17
Quadrature
position/Revolution
counter
1unit
0.04
0.09
0.17
A/DC
1unit
0.20
0.39
0.78
PCLK2
Muli-function serial
1ch.
0.31
0.62
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com